Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC729KH Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC729KH
Description  Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC729KH Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC729KH Datasheet HTML 4Page - Burr-Brown (TI) DAC729KH Datasheet HTML 5Page - Burr-Brown (TI) DAC729KH Datasheet HTML 6Page - Burr-Brown (TI) DAC729KH Datasheet HTML 7Page - Burr-Brown (TI) DAC729KH Datasheet HTML 8Page - Burr-Brown (TI) DAC729KH Datasheet HTML 9Page - Burr-Brown (TI) DAC729KH Datasheet HTML 10Page - Burr-Brown (TI) DAC729KH Datasheet HTML 11Page - Burr-Brown (TI) DAC729KH Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DAC729
11
FIGURE 12. Differential Linearity Adjustment Circuit for the
4MSBs.
FIGURE 13. 0 to 10V FSR.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
18-Bit
DAC
V
OUT
The DAC729 offers superb dynamic range. Dynamic range
is a measure of the ratio of the smallest signals the converter
can produce to the full-scale range, usually expressed in
decibels (dB). The theoretical dynamic range of a converter
is approximately 6dB per bit. For the DAC729 the theoreti-
cal range is 108dB! The actual dynamic range is limited by
noise (signal-to-noise) and linearity errors. The DAC729’s
6
µV typical noise floor, fast settling op amp, and adjustable
18-bit linearity minimize the limitation.
Total harmonic distortion (THD) is the measure of the
magnitude and distribution of the linearity error, differential
linearity error, noise, and quantization error. The THD is
defined as the ratio of the square root of the sum of the
squares of the harmonics to the values of the input funda-
mental frequency. The rms value of a DAC error can be
shown to be
where n is the number of samples in one cycle of any given
sine wave, E
L(i) is the linearity error of the DAC729 at each
sampling point, and E
Q(i) is the quantization error at each
sampling point. The THD can then be expressed as
where E rms is the rms signal-voltage level.
This expression indicates that, in general, there is a correla-
tion between the THD and the square root of the sum of the
squares of the linearity errors at each digital word of interest.
However, this expression does not mean that the worst-case
linearity error of the D/A is directly correlated to the THD.
The DAC729 has demonstrated THD of 0.0009% at full
scale (at 1kHz). This is the level of distortion that is desired
to test other professional audio products, making the DAC729
ideal for professional audio test equipment.
The ability to adjust the linearity of the 4MSBs, the 18-bit
resolution, fast settling and low noise give the DAC729
unmatched performance.
AUTOMATIC TEST EQUIPMENT
The pin functions of the DAC729 are convenient for use in
automatic test equipment systems. The ability to use internal
or external reference and internal or external op amp means
versatility for the system designer. For example, in auto-
matic test systems with several DACs and ADCs, it is
desirable to operate all of the high accuracy converters from
the same reference, improving the tracking characteristics of
those components to one another. The reference in the
DAC729 is a very stable precision reference, and is suitable
for use as the system reference.
Test systems, and other large systems are the ideal applica-
tion for a DAC of this accuracy, because the DAC will be
calibrated in the environment in which it will be used. Since
the environment is very stable, the manual calibration (Fig-
ure 12) may be adequate. However, highly automated sys-
tems will go to an automatic calibration routine. Replacing
n
1
ε
RMS =
∑ [E
L(i) + EQ(i)]
2
i =1
n
1.0M
100k
0.01µF
(1)
36
–V
CC
1.0M
100k
0.01µF
(1)
37
–V
CC
1.0M
100k
0.01µF
(1)
38
–V
CC
1.0M
Bit 1
Adjust
100k
0.01µF
(1)
39
V
POT
40
–V
CC
21
–V
CC
150k
150k
150k
150k
NOTE: (1) Low leakage film type.
Bit 2
Adjust
Bit 3
Adjust
Bit 4
Adjust
THD =
=
X x 100%
E
RMS
ε
RMS
E
RMS
i =1
n
1
n ∑
[E
L(i) + EQ(i)]
2
(2)


Similar Part No. - DAC729KH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725JP BURR-BROWN-DAC725JP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725KP BURR-BROWN-DAC725KP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC72BH BURR-BROWN-DAC72BH Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
DAC72BH-CSB-I BURR-BROWN-DAC72BH-CSB-I Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
More results

Similar Description - DAC729KH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC1136 AD-DAC1136_15 Datasheet
3Mb / 8P
   HIGH RESOLUTION 16 AND 18 BIT DIGITAL TO ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com