Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2464-LF Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PA2464-LF
Description  Power Amplifier IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2464-LF Datasheet(HTML) 3 Page - Princeton Technology Corp

  PA2464-LF Datasheet HTML 1Page - Princeton Technology Corp PA2464-LF Datasheet HTML 2Page - Princeton Technology Corp PA2464-LF Datasheet HTML 3Page - Princeton Technology Corp PA2464-LF Datasheet HTML 4Page - Princeton Technology Corp PA2464-LF Datasheet HTML 5Page - Princeton Technology Corp PA2464-LF Datasheet HTML 6Page - Princeton Technology Corp PA2464-LF Datasheet HTML 7Page - Princeton Technology Corp PA2464-LF Datasheet HTML 8Page - Princeton Technology Corp PA2464-LF Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PA2464/PA2464-LF Power Amplifier
Page 3
Aug 2005
Pin Descriptions
Number
Name
I/O
Description
1
APC1
I
Analog Power Control
2
NC
I
No Connection
3
RF_IN
I
RF Input
4
VCC
Power
Power supply for PA
5
L2
I
Connect to PIN4 through a matching section,do not short to GND or PIN4.
6
RF_OUT
O
RF Output
7
RF_OUT
O
RF Output
8
APC2
I
Analog Power Control


Similar Part No. - PA2464-LF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2464NL PULSE-PA2464NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA2464-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
   Power Amplifier IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
SC4871A FUMAN-SC4871A Datasheet
429Kb / 7P
   Audio power amplifier IC
TC6871 FUMAN-TC6871 Datasheet
332Kb / 6P
   Audio power amplifier IC
logo
Panasonic Semiconductor
AN7582Z PANASONIC-AN7582Z Datasheet
174Kb / 7P
   Audio power amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
TC4863 FUMAN-TC4863 Datasheet
702Kb / 13P
   Audio power amplifier IC
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
   2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
   2W audio power amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com