Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94SA108X0016HBP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 94SA108X0016HBP
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SA108X0016HBP Datasheet(HTML) 1 Page - Vishay Siliconix

  94SA108X0016HBP Datasheet HTML 1Page - Vishay Siliconix 94SA108X0016HBP Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
9
Document Number: 90003
Revision 29-Jun-01
Type 94SA
Vishay
*Part Numbers shown are for
± 20% capacitance tolerance (X0).
94SA156X0020_ _ _ Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
FEATURES
• High capacitance.
• Miniaturized.
• 94SA capacitors are suitable for high frequency
switching power supplies, etc.
Solid Aluminum Capacitors
With Organic Semiconductor Electrolyte
MAX. ALLOWABLE
RIPPLE CURRENT
(mArms)
(@ 100kHz, + 45
°C)
1200
1300
1370
1370
1430
1710
1830
2000
2450
2600
2670
2740
2780
3210
3260
3370
3500
6080
9750
9750
MAX. LEAKAGE
CURRENT
(
µA)
(After 2 Minutes)
6.00
8.80
6.60
10.56
5.92
13.20
15.04
13.60
18.80
27.20
20.00
32.00
18.90
40.00
48.00
44.00
41.58
300.80
640.00
554.40
MAX. ESR
100k ~ 300kHz
(m
)
90
70
70
70
60
70
60
50
40
36
30
30
30
30
28
27
25
20
15
15
MAX. TANGENT
OF LOSS
ANGLE
0.06
0.06
0.07
0.06
0.07
0.06
0.06
0.07
0.06
0.06
0.07
0.06
0.07
0.06
0.06
0.07
0.07
0.08
0.09
0.13
CASE
CODE
C
D
E
F
G
H
DIMENSIONS in inches (millimeters)
CASE
CODE
C
D
E
F
G
H
Ø D x L
.248 x .268
[6.3 x 6.8]
.248 x .386
[6.3 x 9.8]
.315 x .413
[8.0 x 10.5]
.394 x .413
[10.0 x 10.5]
.492
± .866
[12.5
± 22.0]
.630
± .984
[16.0
± 25.0]
F
.098
± .020
[2.5
± 0.5]
.098
± .020
[2.5
± 0.5]
.138
± .020
[3.5
± 0.5]
.197
± .020
[5.0
± 0.5]
.197
± .040
[5.0
± 1.0]
.295
± .040
[7.5
± 1.0]
Ø d
.018
[0.45]
.024
[0.60]
.024
[0.60]
.024
[0.60]
.031
[0.80]
.031
[0.80]
G
(Max.)
.020
[0.5]
.020
[0.5]
.031
[0.8]
.031
[0.8]
.031
[0.8]
.031
[0.8]
K
(Max.)
.020
[0.5]
.020
[0.5]
.031
[0.8]
.031
[0.8]
.031
[0.8]
.031
[0.8]
Ø D
+ .020
[0.5]
Max.
L
+ .040 [1.0]
Max.
.157
[4.0]
Min.
Ø d
± .002 [0.05]
Sleeve
F
.591
[15.0]
Min.
.787 [20.0]
Min.
B
B'
G
.
A
C
A'
F
K
Mark • = Ideal Lead Position
C = The Middle Point of A-A'
Standards of Lead Position
RATED
VOLTAGE
(V)
20.0
20.0
10.0
16.0
6.3
20.0
16.0
10.0
20.0
20.0
10.0
16.0
6.3
20.0
16.0
10.0
6.3
16.0
16.0
6.3
NOMINAL
CAPACITANCE
(
µF)
15.0
22.0
33.0
33.0
47.0
33.0
47.0
68.0
47.0
68.0
100.0
100.0
150.0
100.0
150.0
220.0
330.0
470.0
1000.0
2200.0
PART*
NUMBER
94SA156X0020CBP
94SA226X0020CBP
94SA336X0010CBP
94SA336X0016CBP
94SA476X06R3CBP
94SA336X0020DBP
94SA476X0016DBP
94SA686X0010DBP
94SA476X0020EBP
94SA686X0020EBP
94SA107X0010EBP
94SA107X0016EBP
94SA157X06R3EBP
94SA107X0020FBP
94SA157X0016FBP
94SA227X0010FBP
94SA337X06R3FBP
94SA477X0016GBP
94SA108X0016HBP
94SA228X06R3HBP
STANDARD RATINGS


Similar Part No. - 94SA108X0016HBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
94SA108X0016HBP TI-94SA108X0016HBP Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - 94SA108X0016HBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
   Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com