Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5251 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5251
Description  9-Line Multimode SCSI Terminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5251 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5251 Datasheet HTML 1Page - Microsemi Corporation LX5251 Datasheet HTML 2Page - Microsemi Corporation LX5251 Datasheet HTML 3Page - Microsemi Corporation LX5251 Datasheet HTML 4Page - Microsemi Corporation LX5251 Datasheet HTML 5Page - Microsemi Corporation LX5251 Datasheet HTML 6Page - Microsemi Corporation LX5251 Datasheet HTML 7Page - Microsemi Corporation LX5251 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2002
Rev. 1.1, 2006-02-27
LX5251
9-Line Multimode SCSI Terminator
PRODUCTION DATA SHEET
TM
®
DESCRIPTION
The LX5251 is a multimode SCSI
terminator that is compatible with the
SCSI SPI-2 (Ultra2), SCSI SPI-3 (Ultra3
or Ultra160), and SCSI SPI-4 (Ultra320)
specifications developed by the T10
standards committee for low voltage
differential (LVD) termination, while
providing backwards compatibility to the
SCSI, SCSI-2, and SPI single-ended
specifications. Multimode compatibility
permits the use of legacy devices on the
bus
without
hardware
alterations.
Automatic mode selection is achieved
through
voltage
detection
on
the
Diffsense line.
The
LX5251
utilizes
an
industry
standard
LVD
architecture.
The
individual
high
bandwidth
drivers
maximize channel separation, reduce
channel-to-channel noise and cross talk
to insure Ultra320 performance.
When the LX5251 is enabled, the
differential
sense
(DIFFSENSE)
pin
supplies a voltage between 1.2V and
1.4V. In
application, this pin is tied to the DIFFSENSE
input of the corresponding LVD transceivers.
This action enables the LVD transceiver
function. DIFFSENSE is capable of supplying
a maximum of 15mA.
Tying the DIFFSENSE pin high places the
LX5251 in a HI-Z state indicating the presence
of an HVD device. Tying the pin low places
the part in a single-ended mode while also
signaling the multimode transceiver to operate
in a single-ended mode.
Recognizing the needs of portable and
configurable peripherals, the LX5251 has a
TTL compatible sleep/disable mode.
During
this sleep/disable mode, power dissipation is
reduced to a meager 15uA while also placing
all outputs in a HI-Z state.
Also during
sleep/disable mode, the DIFFSENSE function
is disabled and is placed in a HI-Z state.
The LX5251 also provides a master / slave
function. Driving this pin high or floating the
pin enables the 1.3V DIFFSENSE reference.
Driving the pin low disables the on board
DIFFSENSE reference and enables use of an
external master reference device.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Compliant with SCSI SPI-2
(Ultra2), SPI-3 (Ultra160), and
SPI-4 (Ultra320)
Auto-Selectable LVD or Single-
Ended Termination
Fast Response, No Output
Capacitors Required
Compatible with Active Negation
Drivers
15µA Supply Current in
Disconnect Mode
Logic Command Disconnects All
Termination Lines
Diffsense Line Driver
Ground Driver Integrated for
Single-Ended Operation
Current Limit and Thermal
Protection
Hot-Swap Compatible (Single-
Ended)
Available in 24-pin TSSOP
Package
PRODUCT H I GHLIGHT
L X 5251
L X 5251
+
-
+
-
PACKAGE ORDER INFO
PW
Plastic TSSOP
24-Pin
TA (°C)
RoHS Compliant / Pb-free
Transition DC: 0442
0 to 70
LX5251CPW
Note: Available in Tape & Reel.Append the letters “TR” to the
part number. (i.e. LX5251CPW-TR)


Similar Part No. - LX5251

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5250 MICROSEMI-LX5250 Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
logo
MRV Communications, Inc...
LX525024VYL30 MRV-LX525024VYL30 Datasheet
799Kb / 2P
   LX Series
logo
Microsemi Corporation
LX5250CDB MICROSEMI-LX5250CDB Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
LX5250CPW MICROSEMI-LX5250CPW Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
LX5252CDB MICROSEMI-LX5252CDB Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
More results

Similar Description - LX5251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5250 MICROSEMI-LX5250 Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com