Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F1016U4B Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6F1016U4B
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F1016U4B Datasheet(HTML) 9 Page - Samsung semiconductor

  K6F1016U4B Datasheet HTML 1Page - Samsung semiconductor K6F1016U4B Datasheet HTML 2Page - Samsung semiconductor K6F1016U4B Datasheet HTML 3Page - Samsung semiconductor K6F1016U4B Datasheet HTML 4Page - Samsung semiconductor K6F1016U4B Datasheet HTML 5Page - Samsung semiconductor K6F1016U4B Datasheet HTML 6Page - Samsung semiconductor K6F1016U4B Datasheet HTML 7Page - Samsung semiconductor K6F1016U4B Datasheet HTML 8Page - Samsung semiconductor K6F1016U4B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision 0.0
CMOS SRAM
May 2000
K6F1016U4B Family
- 9 -
Preliminary
PACKAGE DIMENSION
6
5
4
3
2
1
A
B
C
D
E
F
G
H
B/2
B
B
Bottom View
Top View
D
C
Side View
A
Y
Detail A
Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
6.90
7.00
7.10
C1
-
5.25
-
D
0.30
0.35
0.40
E
-
1.10
1.20
E1
-
0.85
-
E2
0.20
0.25
0.30
Y
-
-
0.08
0.50
0.50
B1
#A1
A1 INDEX MARK
Notes.
1. Bump counts: 48(8row x 6column)
2. Bump pitch : (x,y)=(0.75 x 0.75)(typ.)
3. All tolerence are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5. Y is coplanarity: 0.08(Max)
Unit: millimeters
48 BALL FINE PITCH BGA(0.75mm ball pitch)


Similar Part No. - K6F1016U4B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F1016U4C-AF55 SAMSUNG-K6F1016U4C-AF55 Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1016U4C-AF70 SAMSUNG-K6F1016U4C-AF70 Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1016U4C-EF55 SAMSUNG-K6F1016U4C-EF55 Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F1016U4C-EF70 SAMSUNG-K6F1016U4C-EF70 Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F1016U4B

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM611FV16 EMLSI-EM611FV16 Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com