Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM61000 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM61000
Description  8-Channel Wave-Table Music Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM61000 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM61000 Datasheet HTML 3Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 4Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 5Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 6Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 7Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 8Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 9Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 10Page - ELAN Microelectronics Corp EM61000 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Specifications* for
EM61000
8-Channel Wave-Table Music Synthesizer
EM61100 Application circuit
VCC
8050
VCC
820
40PF
4MHz
8050
VSS
VCC
820
0.1
µ
VDD
OSCO
OSCI
RESET
VO1
VO2
8×8
keyboard
P1.0
:
:
P1.7
P2.0
:
:
P2.7
P3.0
:
:
P3.7
P4.0
:
:
P4.7
EM61200 Application circuit
VCC
40PF
4MHz
P1.0
:
:
P1.7
P2.0
:
:
P2.7
P3.0
:
:
P3.7
P4.0
:
:
P4.7
8×8
keyboard
OSCO
OSCI
RESET
VO1
VO2
820
8050
820
8050
VCC
VSS
VCC
0.1
µ
VDD
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
7


Similar Part No. - EM61000

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FP16EU-45L EMLSI-EM610FP16EU-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-45LF EMLSI-EM610FP16EU-45LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85L EMLSI-EM610FP16EU-85L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EU-85LF EMLSI-EM610FP16EU-85LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM610FP16EV-45L EMLSI-EM610FP16EV-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM61000

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT37A70 HOLTEK-HT37A70 Datasheet
709Kb / 85P
   8-Channel Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com