Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3592R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EC3592R
Description  PS/2 Mouse Controller with Auto-Ref
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EC3592R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EC3592R Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 9Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PS/2 Mouse Controller with Auto-Ref
EC3592R
.
.
飛虹積體電路股份有限公司
Page 6 of 11
TEL:(03)5785888
FAX:(03)5783630
VERSION 1.1
PS/2 COMMAND LIST
HEX CODE
COMMAND
EC3592’S RESPONSE
FF
Reset
FA, AA, 00
FE
Resend
XX, (XX, XX)
F6
Set Default
FA
F5
Disable
FA
F4
Enable
FA
F3, XX
Set Sampling Rate
FA, FA
F2
Read Device Type
FA, 00
F0
Set Remote Mode
FA
EE
Set Wrap Mode
FA
EC
Reset Wrap Mode
FA
EB
Read Data
FA, XX, XX, XX
EA
Set Stream Mode
FA
E9
Status Request
FA, XX, XX, XX
E8, XX
Set Resolution
FA, FA
E7
Set Scaling 2:1
FA
E6
Reset Scaling
FA
A. F3, XX SET SAMPLING RATE
SECOND BYTE XX
SAMPLING RATE
0A
10/sec.
14
20/sec.
28
40/sec.
3C
60/sec.
50
80/sec.
64
100/sec.
C8
200/sec.


Similar Part No. - EC3592R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597AR ETC2-EC3597AR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597BR ETC2-EC3597BR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597CR ETC2-EC3597CR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597DR ETC2-EC3597DR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3592R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
List of Unclassifed Man...
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3586 ETC2-EC3586 Datasheet
158Kb / 8P
   EC3586 3D Serial Mouse Controller With Auto-Ref
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com