Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N6267 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 1N6267
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

1N6267 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  1N6267 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
100
50
Ipp
Ipp/2
1
t - time
1 ms
10
µs
Pulse wave form 10/1000
0
25
50
75
100
Temperature in °C
DERATING CURVE
1.5KE
0
50
100
150 175
25
75
125
10
10
2
10
3
10
4
1
Measured at VBR and 1 MHz.
VBR - Breakdown voltage (V)
10
10
2
10
3
10
4
TYPICAL JUNCTION CAPACITANCE
10
2
10
3
10
4
10
5
Pulse time - t
1
µs
10
µs
100
µs
1ms
10ms
PEAK PULSE POWER RATING CURVE
Jun - 00


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn