Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N6267 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 1N6267
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

1N6267 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1N6267 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6267 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N6267C 1.5KE6V8C
1000
5.50
6.12
6.8
7.48
10
10.8
139
1N6267C 1.5KE6V8CA
1000
5.80
6.45
6.8
7.14
10
10.5
143
1N6268C 1.5KE7V5C
500
6.05
6.75
7.5
8.25
10
11.7
128
1N6268CA 1.5KE7V5CA
500
6.40
7.13
7.5
7.88
10
11.3
132
1N6269C 1.5KE8V2C
200
6.63
7.38
8.2
9.02
10
12.5
120
1N6269CA 1.5KE8V2CA
200
7.02
7.79
8.2
8.61
10
12.1
124
1N6270C 1.5KE9V1C
50
7.37
8.19
9.1
10.0
1
13.8
109
1N6270CA 1.5KE9V1CA
50
7.78
8.65
9.1
9.55
1
13.4
112
1N6271C 1.5KE10C
10
8.10
9.00
10
11.0
1
15.0
100
1N6271CA 1.5KE10CA
10
8.55
9.50
10
10.5
1
14.5
103
1N6272C 1.5KE11C
5
8.92
9.90
11
12.1
1
16.2
93
1N6272CA 1.5KE11CA
5
9.40
10.5
11
11.6
1
15.6
96
1N6273C 1.5KE12C
5
9.72
10.8
12
13.2
1
17.3
87
1N6273CA 1.5KE12CA
5
10.2
11.4
12
12.6
1
16.7
90
1N6274C 1.5KE13C
5
10.5
11.7
13
14.3
1
19.0
79
1N6274CA 1.5KE13CA
5
11.1
12.4
13
13.7
1
18.2
82
1N6275C 1.5KE15C
5
12.1
13.5
15
16.5
1
22.0
68
1N6275CA 1.5KE15CA
5
12.8
14.3
15
15.8
1
21.2
71
1N6276C 1.5KE16C
5
12.9
14.4
16
17.6
1
23.5
64
1N6276CA 1.5KE16CA
5
13.6
15.2
16
16.8
1
22.5
67
1N6277C 1.5KE18C
5
14.5
16.2
18
19.8
1
26.5
56.5
1N6277CA 1.5KE18CA
5
15.3
17.1
18
18.9
1
25.5
59.5
1N6278C 1.5KE20C
5
16.2
18.0
20
22.0
1
29.1
51.5
1N6278CA 1.5KE20CA
5
17.1
19.0
20
21.0
1
27.7
54
1N6279C 1.5KE22C
5
17.8
19.8
22
24.2
1
31.9
47
1N6279CA 1.5KE22CA
5
18.8
20.9
22
23.1
1
30.6
49
1N6280C 1.5KE24C
5
19.4
21.6
24
26.4
1
34.7
43
1N6280CA 1.5KE24CA
5
20.5
22.8
24
25.2
1
33.2
45
1N6281C 1.5KE27C
5
21.8
24.3
27
29.7
1
39.1
38.5
1N6281CA 1.5KE27CA
5
23.1
25.7
27
28.4
1
37.5
40
1N6282C 1.5KE30C
5
24.3
27.0
30
33.0
1
43.5
34.5
1N6282CA 1.5KE30CA
5
25.6
28.5
30
31.5
1
41.4
36
1N6283C 1.5KE33C
5
26.8
29.7
33
36.3
1
47.7
31.5
1N6283CA 1.5KE33CA
5
28.2
31.4
33
34.7
1
45.7
33
1N6284C 1.5KE36C
5
29.1
32.4
36
39.6
1
52.0
29
1N6284CA 1.5KE36CA
5
30.8
34.2
36
37.8
1
49.9
30
1N6285C 1.5KE39C
5
31.6
35.1
39
42.9
1
56.4
26.5
1N6285CA 1.5KE39CA
5
33.3
37.1
39
41.0
1
53.9
28
1N6286C 1.5KE43C
5
34.8
38.7
43
47.3
1
61.9
24
1N6286CA 1.5KE43CA
5
36.8
40.9
43
45.2
1
59.3
25.3
1N6287C 1.5KE47C
5
38.1
42.3
47
51.7
1
67.8
22.2
1N6287CA 1.5KE47CA
5
40.2
44.7
47
49.4
1
64.8
23.2
1N6288C 1.5KE51C
5
41.3
45.9
51
56.1
1
73.5
20.4
1N6288CA 1.5KE51CA
5
43.6
48.5
51
53.6
1
70.1
21.4
1.5KE6V8C......1.5KE440CA
1N6267C...........1N6303CA
Type
Maximum Reverse
Leakage Current
at
Bidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
Jun - 00


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn