Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5022-302J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5022-302J
Description  Surface Mountable Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5022-302J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5022-302J Datasheet HTML 1Page - List of Unclassifed Manufacturers 5022-302J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/ 2002
PAGE
32
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 5022
Surface Mountable Inductors
3500
3025
2915
2790
2580
2470
2285
2140
2015
1935
1915
1825
1750
1680
1645
1615
1555
1425
1300
1240
1125
930
930
875
855
780
755
675
620
575
550
455
430
415
395
390
375
0.030
0.040
0.043
0.047
0.055
0.060
0.070
0.080
0.090
0.098
0.100
0.110
0.120
0.130
0.135
0.140
0.150
0.180
0.220
0.240
0.290
0.420
0.420
0.480
0.500
0.600
0.650
0.800
0.950
1.100
1.200
1.800
2.000
2.150
2.300
2.400
2.600
525
525
500
475
450
415
400
380
360
345
330
315
310
300
280
260
250
230
220
210
200
190
180
170
160
155
150
140
135
130
120
115
110
105
100
95
90
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
45
45
45
45
45
45
45
45
45
50
50
50
50
50
50
50
33
33
33
33
33
33
33
33
33
33
33
33
33
33
33
33
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
1.00
1.10
1.20
1.30
1.50
1.60
1.80
2.00
2.20
2.40
2.70
3.00
3.30
3.60
3.90
4.30
4.70
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to 0.095
1.397 to 2.413
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Weight Max. (Grams) 1.5
Mechanical Configuration Units are encapsulated
in an epoxy molded surface mount package.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.405 W
Packaging Tape & reel (24mm): 13" reel, 800 pieces
max.; 7" reel not available
Made In the U.S.A. Patent Protected
SERIES 5022 PHENOLIC CORE
5022-151J
5022-161J
5022-181J
5022-201J
5022-221J
5022-241J
5022-271J
5022-301J
5022-331J
5022-361J
5022-391J
5022-431J
5022-471J
5022-511J
5022-561J
5022-621J
5022-681J
5022-751J
5022-821J
5022-911J
5022-102J
5022-112J
5022-122J
5022-132J
5022-152J
5022-162J
5022-182J
5022-202J
5022-222J
5022-242J
5022-272J
5022-302J
5022-332J
5022-362J
5022-392J
5022-432J
5022-472J
Optional Tolerances: H = 3%
G = 2%
F = 1%


Similar Part No. - 5022-302J

ManufacturerPart #DatasheetDescription
logo
API Delevan
5022-302J API-5022-302J Datasheet
1Mb / 1P
   Surface Mountable Inductors
More results

Similar Description - 5022-302J

ManufacturerPart #DatasheetDescription
logo
API Delevan
5022R API-5022R Datasheet
1Mb / 1P
   Surface Mountable Inductors
logo
Amphenol Corporation
NPA-300 AMPHENOL-NPA-300 Datasheet
820Kb / 8P
   Surface Mountable
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
   Surface Mountable
logo
Anaren Microwave
C0409J5003AHF ANAREN-C0409J5003AHF Datasheet
180Kb / 6P
   Surface Mountable
1E1305-3 ANAREN-1E1305-3 Datasheet
349Kb / 2P
   Surface Mountable
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
   Surface Mountable
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
   Surface Mountable
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
   SURFACE MOUNTABLE PHOTO INTERRUPTER
logo
IXYS Corporation
IXGH50N60A IXYS-IXGH50N60A Datasheet
92Kb / 4P
   HiPerFAST IGBT - Surface Mountable
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
   surface Mountable RFI Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com