Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALS27 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74ALS27
Description  Triple 3-Input NOR gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS27 Datasheet(HTML) 6 Page - NXP Semiconductors

  74ALS27 Datasheet HTML 1Page - NXP Semiconductors 74ALS27 Datasheet HTML 2Page - NXP Semiconductors 74ALS27 Datasheet HTML 3Page - NXP Semiconductors 74ALS27 Datasheet HTML 4Page - NXP Semiconductors 74ALS27 Datasheet HTML 5Page - NXP Semiconductors 74ALS27 Datasheet HTML 6Page - NXP Semiconductors 74ALS27 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74ALS27
Triple 3-input NOR gate
1991 Feb 08
6
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F27Triple 3-input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
HEF4025BTriple 3-input NOR gate 1 2 3 NXP Semiconductors
M74HC27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VHC27FTRIPLE 3-INPUT NOR GATE 1 2 3 4 5 Toshiba Semiconductor
74LCX27Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74VHC27Triple 3-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74HC27ATriple 3-Input NOR Gate 1 2 3 4 5 Integral Corp.
SL4025BTriple 3-Input NOR Gate 1 2 3 4 System Logic Semiconductor
SN54LS27TRIPLE 3-INPUT NOR GATE 1 2 3 4 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn