Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C16E-15PC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C16E-15PC
Description  16K (2K x 8) Parallel EEPROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16E-15PC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C16E-15PC Datasheet HTML 1Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 2Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 3Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 4Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 5Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 6Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 7Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 8Page - ATMEL Corporation AT28C16E-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
Fast Read Access Time - 150 ns
Fast Byte Write - 200 µs or 1 ms
Self-Timed Byte Write Cycle
– Internal Address and Data Latches
– Internal Control Timer
– Automatic Clear Before Write
Direct Microprocessor Control
–DATA POLLING
Low Power
– 30 mA Active Current
–100 µA CMOS Standby Current
High Reliability
– Endurance: 10
4 or 105 Cycles
– Data Retention: 10 Years
5V
± 10% Supply
CMOS & TTL Compatible Inputs and Outputs
JEDEC Approved Byte Wide Pinout
Commercial and Industrial Temperature Ranges
Description
The AT28C16 is a low-power, high-performance Electrically Erasable and Program-
mable Read Only Memory with easy to use features. The AT28C16 is a 16K memory
organized as 2,048 words by 8 bits. The device is manufactured with Atmel’s reliable
nonvolatile CMOS technology.
16K (2K x 8)
Parallel
EEPROMs
AT28C16
Rev. 0540B–10/98
Pin Configurations
Pin Name
Function
A0 - A10
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
PDIP, SOIC
Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A8
A9
WE
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PLCC
Top View
Note: PLCC package pins 1 and 17
are DON’T CONNECT.
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
NC
NC
OE
A10
CE
I/O7
I/O6
(continued)


Similar Part No. - AT28C16E-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16E-15PC ATMEL-AT28C16E-15PC Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
More results

Similar Description - AT28C16E-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
   16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
   16K 2K x 8 CMOS E2PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com