Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4590-333K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4590-333K
Description  High Current Filter Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4590-333K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4590-333K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
86
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 4590
High Current Filter Inductors
8.2
7.5
6.9
6.3
5.7
5.2
4.7
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.6
1.4
1.3
1.2
1.1
0.95
0.88
0.80
0.74
0.67
0.61
0.56
0.51
0.46
0.42
0.38
0.34
0.31
0.29
0.26
0.24
0.22
0.20
0.18
0.17
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.07
0.06
9.75
9.11
7.77
7.60
7.15
6.44
6.07
5.76
5.49
5.26
5.15
4.87
4.63
4.45
3.93
3.355
3.175
2.815
2.43
2.27
2.105
2.025
1.715
1.61
1.52
1.30
1.15
1.08
1.015
0.89
0.825
0.75
0.665
0.615
0.56
0.51
0.48
0.415
0.395
0.34
0.32
0.30
0.265
0.25
0.21
0.19
0.17
0.16
0.15
0.14
0.13
0.11
0.10
0.09
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
0.007
0.008
0.011
0.011
0.013
0.016
0.018
0.020
0.022
0.024
0.025
0.028
0.031
0.034
0.043
0.059
0.066
0.084
0.113
0.129
0.150
0.162
0.226
0.257
0.288
0.393
0.504
0.570
0.643
0.844
0.977
1.18
1.50
1.76
2.13
2.53
2.84
3.79
4.24
5.75
6.44
7.30
9.34
10.7
14.8
18.0
22.7
25.7
29.7
33.7
38.0
52.8
67.3
76.0
Mechanical Configuration Ferrite Bobbin protected
with a flame retardant polyolefin sleeve.
Physical Parameters
Inches
Millimeters
Length
0.900 Max.
22.86 Max.
Diameter
0.455 Max
11.55 Max
Lead Size
AWG #20 TCW
0.032 ± 0.002
0.813 ± 0.05
Lead Length
1.10 Min.
27.94 Min.
Operating Temperature
–55°C to +125°C
–55°C to +85°C @ full rated current
Current Rating at 85°C Ambient 40°C Rise
Maximum Power Dissipation at 85°C 0.70 W
Dielectric Withstanding Voltage 2500 V RMS
Inductance Measurement Inductance is measured
@ 1KHz with 1 VAC open circuit and 0 dc bias.
Inductance Tolerance Tolerance is specified by
suffixing an alpha character to the part number as
follows: J = 5%, K = 10%, and L = 15%. Units are
normally supplied to the tolerance indicated in table.
Marking Parts are printed with DELEVAN,
Inductance Value and Tolerance.
High Saturation Bobbin allows for high inductance
with low DCR.
High Resistivity Core offers very high parallel
resistance, resulting in maximum coil performance.
Packaging Bulk only
SERIES 4590
4590-392K
4590-472K
4590-562K
4590-682K
4590-822K
4590-103K
4590-123K
4590-153K
4590-183K
4590-223K
4590-273K
4590-333K
4590-393K
4590-473K
4590-563K
4590-683K
4590-823K
4590-104K
4590-124K
4590-154K
4590-184K
4590-224K
4590-274K
4590-334K
4590-394K
4590-474K
4590-564K
4590-684K
4590-824K
4590-105K
4590-125K
4590-155K
4590-185K
4590-225K
4590-275K
4590-335K
4590-395K
4590-475K
4590-565K
4590-685K
4590-825K
4590-106K
4590-126K
4590-156K
4590-186K
4590-226K
4590-276K
4590-336K
4590-396K
4590-476K
4590-566K
4590-686K
4590-826K
4590-107K
Optional Tolerances:
J = 5%
L = 15%
Incremental Current is the current which will
decrease the inductance by approximately 5%.


Similar Part No. - 4590-333K

ManufacturerPart #DatasheetDescription
logo
API Delevan
4590-333K API-4590-333K Datasheet
1Mb / 1P
   High Current Filter Inductors
More results

Similar Description - 4590-333K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHV VISHAY-IHV Datasheet
84Kb / 3P
   Filter Inductors, High Current
Revision: 21-Apr-06
logo
API Delevan
4590R-476J API-4590R-476J Datasheet
1Mb / 1P
   High Current Filter Inductors
4590R API-4590R Datasheet
1Mb / 1P
   High Current Filter Inductors
logo
Vishay Siliconix
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
   Filter Inductors, High Current, Radial Leaded
Revision: 04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
   Filter Inductors, High Current, Radial Leaded
Revision: 04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
   Filter Inductors, High Current, Radial Leaded
01-Jan-2022
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
IH-15 VISHAY-IH-15 Datasheet
55Kb / 1P
   MODEL IH FILTER INDUCTORS HIGH CURRENT
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
   Filter Inductors, High Current, Axial Leaded
01-Jan-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com