Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADSP21062 Datasheet(PDF) 3 Page - Analog Devices

Part No. ADSP21062
Description  DSP Microcomputer Family
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADSP21062 Datasheet(HTML) 3 Page - Analog Devices

  ADSP21062 Datasheet HTML 1Page - Analog Devices ADSP21062 Datasheet HTML 2Page - Analog Devices ADSP21062 Datasheet HTML 3Page - Analog Devices ADSP21062 Datasheet HTML 4Page - Analog Devices ADSP21062 Datasheet HTML 5Page - Analog Devices ADSP21062 Datasheet HTML 6Page - Analog Devices ADSP21062 Datasheet HTML 7Page - Analog Devices ADSP21062 Datasheet HTML 8Page - Analog Devices ADSP21062 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADSP-21062/ADSP-21062L
–3–
REV. B
including a 2 Mbit SRAM memory (4 Mbit on the ADSP-21060),
host processor interface, DMA controller, serial ports and
link port and parallel bus connectivity for glueless DSP
multiprocessing.
Figure 1 shows a block diagram of the ADSP-21062, illustrating
the following architectural features:
Computation Units (ALU, Multiplier and Shifter) with a
Shared Data Register File
Data Address Generators (DAG1, DAG2)
Program Sequencer with Instruction Cache
Interval Timer
On-Chip SRAM
External Port for Interfacing to Off-Chip Memory and
Peripherals
Host Port and Multiprocessor Interface
DMA Controller
Serial Ports and Link Ports
JTAG Test Access Port
Figure 2 shows a typical single-processor system. A multi-
processing system is shown in Figure 3.
Table I. ADSP-21062/ADSP-21062L Benchmarks (@ 40 MHz)
1024-Pt. Complex FFT
0.46 ms
18,221 cycles
(Radix 4, with Digit Reverse)
FIR Filter (per Tap)
25 ns
1 cycle
IIR Filter (per Biquad)
100 ns
4 cycles
Divide (y/x)
150 ns
6 cycles
Inverse Square Root (1/
√x)
225 ns
9 cycles
DMA Transfer Rate
240 Mbytes/s
S
GENERAL NOTE
This data sheet represents production released specifications for
the ADSP-21062 (5 V) and ADSP-21062L (3.3 V) processors,
for both 33 MHz and 40 MHz speed grades. The product name
“ADSP-21062” is used throughout this data sheet to represent
all devices, except where expressly noted.
GENERAL DESCRIPTION
The ADSP-21062 SHARC—Super Harvard Architecture
Computer—is a signal processing microcomputer that offers new
capabilities and levels of performance. The ADSP-21062
SHARCs are 32-bit processors optimized for high performance
DSP applications. The ADSP-21062 builds on the ADSP-21000
DSP core to form a complete system-on-a-chip, adding a dual-
ported on-chip SRAM and integrated I/O peripherals supported
by a dedicated I/O bus.
Fabricated in a high speed, low power CMOS process, the
ADSP-21062 has a 25 ns instruction cycle time and operates
at 40 MIPS. With its on-chip instruction cache, the processor
can execute every instruction in a single cycle. Table I shows
performance benchmarks for the ADSP-21062.
The ADSP-21062 SHARC represents a new standard of inte-
gration for signal computers, combining a high performance
floating-point DSP core with integrated, on-chip system features


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn