Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP21062 Datasheet(PDF) 41 Page - Analog Devices

Part # ADSP21062
Description  DSP Microcomputer Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21062 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADSP21062 Datasheet HTML 37Page - Analog Devices ADSP21062 Datasheet HTML 38Page - Analog Devices ADSP21062 Datasheet HTML 39Page - Analog Devices ADSP21062 Datasheet HTML 40Page - Analog Devices ADSP21062 Datasheet HTML 41Page - Analog Devices ADSP21062 Datasheet HTML 42Page - Analog Devices ADSP21062 Datasheet HTML 43Page - Analog Devices ADSP21062 Datasheet HTML 44Page - Analog Devices ADSP21062 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
ADSP-21062/ADSP-21062L
–41–
REV. B
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the equation given above. Choose
∆V
to be the difference between the ADSP-21062’s output voltage
and the input threshold for the device requiring the hold time. A
typical
∆V will be 0.4 V. C
L is the total bus capacitance (per
data line), and IL is the total leakage or three-state current (per
data line). The hold time will be tDECAY plus the minimum
disable time (i.e., tDATRWH for the write cycle).
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS
DRIVING
VOH (MEASURED) – V
VOL (MEASURED) + V
tMEASURED
VOH (MEASURED)
VOL (MEASURED)
2.0V
1.0V
VOH (MEASURED)
VOL (MEASURED)
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE
THIS VOLTAGE TO BE
APPROXIMATELY 1.5V
OUTPUT STOPS
DRIVING
tENA
tDECAY
Figure 25. Output Enable/Disable
+1.5V
50pF
TO
OUTPUT
PIN
IOL
IOH
Figure 26. Equivalent Device Loading for AC Measure-
ments (Includes All Fixtures)
Capacitive Loading
Output delays and holds are based on standard capacitive loads:
50 pF on all pins (see Figure 26). The delay and hold specifica-
tions given should be derated by a factor of 1.5 ns/50 pF for
loads other than the nominal value of 50 pF. Figures 29–30,
33–34 show how output rise time varies with capacitance. Fig-
ures 31, 35 show graphically how output delays and holds vary
with load capacitance. (Note that this graph or derating does
not apply to output disable delays; see the previous section
Output Disable Time under Test Conditions.) The graphs of
Figures 29, 30 and 31 may not be linear outside the ranges
shown.
INPUT OR
OUTPUT
1.5V
1.5V
Figure 27. Voltage Reference Levels for AC Measure-
ments (Except Output Enable/Disable)


Similar Part No. - ADSP21062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP2101 AD-ADSP2101 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP2101BP100 AD-ADSP2101BP100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP21020 AD-ADSP21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
More results

Similar Description - ADSP21062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com