Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4219LBCC Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4219LBCC
Description  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4219LBCC Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4219LBCC Datasheet HTML 2Page - Analog Devices ADF4219LBCC Datasheet HTML 3Page - Analog Devices ADF4219LBCC Datasheet HTML 4Page - Analog Devices ADF4219LBCC Datasheet HTML 5Page - Analog Devices ADF4219LBCC Datasheet HTML 6Page - Analog Devices ADF4219LBCC Datasheet HTML 7Page - Analog Devices ADF4219LBCC Datasheet HTML 8Page - Analog Devices ADF4219LBCC Datasheet HTML 9Page - Analog Devices ADF4219LBCC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–6–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
VDD1Positive Power Supply for the RF Section. Decoupling capacitors to the analog ground plane should be placed as
close as possible to this pin. VDD1 should have a value of between 2.6 V and 3.3 V. VDD1 must have the same
potential as VDD2.
VP1Power Supply for the RF Charge Pump. This should be greater than or equal to VDD.
CPRF
Output from the RF Charge Pump. When enabled, this provides
±I
CP to the external loop filter, which in turn
drives the external VCO.
DGNDRF
Ground Pin for the RF Digital Circuitry
RFINA
Input to the RF Prescaler. This low level input signal is normally ac-coupled to the external VCO.
RFINBComplementary Input to the RF Prescaler. This point should be decoupled to the ground plane with a small
bypass capacitor, typically 100 pF.
AGNDRF
Ground Pin for the RF Analog Circuitry
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of
100 k
Ω. This input can be driven from a TTL or CMOS crystal oscillator, or can be ac-coupled.
DGNDIF
Ground Pin for the IF Digital, Interface, and Control Circuitry
MUXOUT
This multiplexer output allows either the IF/RF Lock Detect, the scaled RF, or the scaled Reference Frequency to
be accessed externally (Table V).
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
22-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a
high impedance CMOS input.
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four
latches; the latch is selected using the control bits.
AGNDIF
Ground Pin for the IF Analog Circuitry
NC
This pin is not connected internally (ADF4219L only).
IFINBComplementary Input to the IF Prescaler. This point should be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF (ADF4217L/ADF4218L only).
IFINA
Input to the IF Prescaler. This low level input signal is normally ac-coupled to the external VCO.
DGNDIF
Ground Pin for the IF Digital, Interface, and Control Circuitry
CPIF
Output from the IF Charge Pump. When enabled, this provides
±I
CP to the external loop filter, which in turn drives
the external VCO.
VP2Power Supply for the IF Charge Pump. This should be greater than or equal to VDD.
VDD2Positive Power Supply for the IF Interface and Oscillator Sections. Decoupling capacitors to the analog ground
plane should be placed as close as possible to this pin. VDD2 should have a value of between 2.6 V and 3.3 V.
VDD2 must have the same potential as VDD1.


Similar Part No. - ADF4219LBCC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

Similar Description - ADF4219LBCC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com