Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4212-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4212-1
Description  Wound Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4212-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4212-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
107
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4212-1
4212-2
4212-3
4212-4
4212-5
4212-6
4212-7
4212-8
Physical Parameters
Inches
Millimeters
Length
0.374 to 0.414
9.50 to 10.51
Diameter
0.216 to 0.256
5.48 to 6.35
Lead Size
AWG #24 TCW
0.0185 to 0.0215
0.47 to 0.55
A
0.12 Max.
3.05 Max.
B
1.10 Min.
28.0 Min.
Impedances measured on HP 4191A Impedance Analyzer.
High resistivity ferrite material eliminates the need to
insulate windings.
Lead Wire Tin/Lead coated copper
Packaging Bulk only
Series 4212
Wound Beads
400
600
600
400
700
525
750
575
425
375
600
480
900
550
325
320
525
520
950
800
325
170
240
400
212
212
112
112
2
2
3
3
1–3
1–3
1–1
1–1
1–2
1–2
1–4
1–4
MINIMUM IMPEDANCE
IMPEDANCE vs. FREQUENCY
20
200
FREQUENCY (MHz)
40
60
80
100
120
140
160
180
200
220
240
400
600
800
1000
1200
3
= Dash
Number
1
4
5
6
1
7
2
8
For more detailed graphs, contact factory


Similar Part No. - 4212-1

ManufacturerPart #DatasheetDescription
logo
API Delevan
4212-1 API-4212-1 Datasheet
2Mb / 1P
   Wound Beads
More results

Similar Description - 4212-1

ManufacturerPart #DatasheetDescription
logo
API Delevan
4214R API-4214R Datasheet
2Mb / 1P
   Wound Beads
logo
Fair-Rite Products Corp...
2944666651 FAIR-RITE-2944666651_18 Datasheet
637Kb / 2P
   Wound Beads
2944777741 FAIR-RITE-2944777741_18 Datasheet
639Kb / 3P
   Wound Beads
2961666661 FAIR-RITE-2961666661_18 Datasheet
637Kb / 2P
   Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
   Wound Beads
2644777711 FAIR-RITE-2644777711 Datasheet
627Kb / 2P
   Wound Beads
2661666611 FAIR-RITE-2661666611 Datasheet
628Kb / 2P
   Wound Beads
2961666654 FAIR-RITE-2961666654_18 Datasheet
597Kb / 2P
   Wound Beads
2961666651 FAIR-RITE-2961666651_18 Datasheet
632Kb / 2P
   Wound Beads
2961666681 FAIR-RITE-2961666681_18 Datasheet
639Kb / 2P
   Wound Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com