Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP23PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23PW
Description  2x2 LVPECL Crosspoint switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVCP23PW Datasheet HTML 6Page - Texas Instruments SN65LVCP23PW Datasheet HTML 7Page - Texas Instruments SN65LVCP23PW Datasheet HTML 8Page - Texas Instruments SN65LVCP23PW Datasheet HTML 9Page - Texas Instruments SN65LVCP23PW Datasheet HTML 10Page - Texas Instruments SN65LVCP23PW Datasheet HTML 11Page - Texas Instruments SN65LVCP23PW Datasheet HTML 12Page - Texas Instruments SN65LVCP23PW Datasheet HTML 13Page - Texas Instruments SN65LVCP23PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SN65LVCP23
SLLS554C − NOVEMBER 2002 − REVISED SEPTEMBER 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 6
0
20
40
60
80
100
0
500
1000
1500
2000
2500
f − Frequency − MHz
SUPPLY CURRENT
vs
FREQUENCY
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
|VID| = 200 mV
Output = Loaded
Figure 7
600
675
750
825
900
−60 −40 −20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
VCc = 3 − 3.6 V,
VIC = 1.2 V,
|VID| = 300 mV
Input = 1 MHz
tPLH
tPHL
Figure 8
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
f − Frequency − MHz
PEAK-TO-PEAK JITTER
vs
FREQUENCY
VCC = 3.3 V,
TA = 25°C,
VIC = 400 mV,
Input = Clock
800 mV
500 mV
300 mV
Figure 9
0
10
20
30
40
50
60
0
200
400
600
800
1000 1200 1400
VCC = 3.3 V,
TA = 25°C,
VIC = 400 mV,
Input = PRBS 223−1
800 mV
Data Rate − Mbps
PEAK-TO-PEAK JITTER
vs
DATA RATE
300 mV
500 mV
Figure 10
0
15
20
25
30
0
100
200
300
400
500
600
700
10
5
500 mV
300 mV
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
Input = Clock
f − Frequency − MHz
PEAK-TO-PEAK JITTER
vs
FREQUENCY
800 mV
Figure 11
0
10
20
30
40
50
60
0
200
400
600
800
1000 1200 1400
500 mV
800 mV
Data Rate − Mbps
PEAK-TO-PEAK JITTER
vs
DATA RATE
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V
Input = PRBS 223-1
300 mV
Figure 12
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
f − Frequency − MHz
PEAK-TO-PEAK JITTER
vs
FREQUENCY
VCC = 3.3 V,
TA = 25°C,
VIC = 3.3 V,
Input = Clock
500 mV
800 mV
500 mV
Figure 13
0
10
20
30
40
50
60
70
0
200
400
600
800
1000 1200 1400
300 mV
800 mV
500 mV
Data Rate − Mbps
PEAK-TO-PEAK JITTER
vs
DATA RATE
VCC = 3.3 V,
TA = 25°C,
VIC = 3.3 V,
Input = PRBS 223−1
500
580
660
740
820
900
0
250
500 750 1000 1250 1500 1750 2000
0
10
20
30
40
50
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − MHz
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
|VID| = 200 mV
Figure 14
Added Random Jitter


Similar Part No. - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PW TI-SN65LVCP23PW Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWG4 TI-SN65LVCP23PWG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWRG4 TI-SN65LVCP23PWRG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com