Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSD1858 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # SSD1858
Description  LCD Segment / Common Driver with Controller CMOS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1858 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button SSD1858 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
SSD1858
Rev 1.1
09/2002
SOLOMON
43
Table 20 – Serial Timing Characteristics
(TA = -40 to 85°C, VDD = 1.8V, VSS =0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
111
-
-
ns
tAS
Address Setup Time
15
-
-
ns
tAH
Address Hold Time
10
-
-
ns
tCSS
Chip Select Setup Time
60
-
-
ns
tCSH
Chip Select Hold Time
55.5
-
-
ns
tDSW
Write Data Setup Time
60
--
-
ns
tOHW
Write Data Hold Time
60
-
-
ns
tCLKL
Clock Low Time
55.5
-
--
ns
tCLKH
Clock High Time
55.5
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Valid Data
t
cycle
t
DSW
t
AS
t
AH
SCK
D/C
SDA
CS
t
DHW
t
CLK L
t
CLKH
t
F
t
R
t
CSS
t
CS H
(Required if PS1 = H)
D7
D6
D5
D4
D3
D2
D1
D0
SCK
SDA
CS
Figure 19 - Serial Timing Characteristics (PS0 = L)


Similar Part No. - SSD1858

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SSD1850Z ETC-SSD1850Z Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SSD1851 ETC-SSD1851 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SSD1851TR1 ETC-SSD1851TR1 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
SSD1851U ETC-SSD1851U Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
More results

Similar Description - SSD1858

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
logo
List of Unclassifed Man...
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com