Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRA36 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMRA36
Description  Cascadable Amplifier 100 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMRA36 Datasheet(HTML) 1 Page - Tyco Electronics

  SMRA36 Datasheet HTML 1Page - Tyco Electronics SMRA36 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
+()
*
+()
,
, -!
+ ! . !/
0
+ !
!
.
/
0
1
1
1
2 3
4
!
0
5
-$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
,
! 7
(
!
4
6
0
9
,: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
+( +=4
5* (2>> , =+>,
0 . ?6 /
@7:
,: 2
. ?6 /
'>;4A' 7A 6A @> >@ 9
0
. ?6 /
: 4
;> 0=5;: 4
; (
*
'(). ?6 /
!
" 2=
2
#
"&B
-!C " " $
" !
!$
$ !-#
!
! #
!
! " -"
B &
"
- B#
!
B D
#
-!
# &
#
3 #
!
3
B
B !
%$ ! &
!-
=!
3
;<
B
!-
!
D
! $
#
$ *
B
#
!
0 " 7* 0 ! ,$
' $! #
D -
"
&
C ! '4@*, ;*
!3 !
!
! !-
3
B
&
.
/
0 &
/ .
1
2 /
2=
7* 0
,'2=
,$
' $!
<2=
,'= < !!
)
1
3 4
5
/
1
3 4
,
-
#
$
*
E<
9
E<
<
#
$
E<
;<
-
9
< ! !$ $ 4!#$ 6
9
0
,"
4!#$ #
.
!$
/
:
6
D6
. F
/
:
G,H,
0$ !*4!
#
$
.
/
E<
#
!
!
5
/
"
2
!
IJ
E< :
!
6
;
#
! 6
:
K$!
!
#
$
2
=B 3 <
J
E<
L73
#
$
#
!
#
!$ B
<2=
C-$
!
<
9
< ! &


Similar Part No. - SMRA36

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMRA36 MA-COM-SMRA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - SMRA36

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A32 MACOM-A32_1 Datasheet
368Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com