Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH3135-65M Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH3135-65M
Description  Radar Pulsed Power Transistor, 65 Watts, 3.10-3.50 GHz, 100 us Pulse, 10% Duty
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH3135-65M Datasheet(HTML) 2 Page - Tyco Electronics

  PH3135-65M Datasheet HTML 1Page - Tyco Electronics PH3135-65M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radar Pulsed Power Transistor, 65 Watts, 3.10-3.50 GHz, 100
µs Pulse, 10% Duty
PH3135-65M
8/9/02
Rev. 1
Test Fixture Assembly
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
F (GHz)
Z IF (Ω)
Z OF (Ω)
3.10
8.9 –j11.2
5.2 –j11.0
3.30
8.7 –j8.6
4.2 –j8.8
3.50
8.6 –j6.0
4.7 –j7.0
Broadband Test Fixture Impedances
TEST FIXTURE
INPUT
CIRCUIT
ZIF
TEST FIXTURE
OUTPUT
CIRCUIT
ZOF
50
50


Similar Part No. - PH3135-65M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH3135-65M MA-COM-PH3135-65M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor 65W, 3.1-3.5 GHz, 100關s Pulse, 10% Duty
PH3135-65M MA-COM-PH3135-65M Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-65M MA-COM-PH3135-65M_15 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-65M MA-COM-PH3135-65M_17 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
More results

Similar Description - PH3135-65M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2226-110M MACOM-PH2226-110M Datasheet
210Kb / 2P
   Radar Pulsed Power Transistor, 110 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
PH2226-50M MACOM-PH2226-50M Datasheet
211Kb / 2P
   Radar Pulsed Power Transistor, 50 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
PHA2729-300M MACOM-PHA2729-300M Datasheet
100Kb / 2P
   Radar Pulsed Power Module, 300 Watts, 2.7-2.9 GHz, 100 uS Pulse, 10% Duty
PH1113-100 MACOM-PH1113-100 Datasheet
62Kb / 2P
   Radar Pulsed Power Transistor - 100 Watts, 1.1-1.3 GHz, 3ms Pulse, 30% Duty
PH1214-40M MACOM-PH1214-40M Datasheet
49Kb / 2P
   Radar Pulsed Power Transistor - 40 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-80M MACOM-PH1214-80M Datasheet
52Kb / 2P
   Radar Pulsed Power Transistor - 80 Watts, 1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-25M MACOM-PH1214-25M Datasheet
48Kb / 2P
   Radar Pulsed Power Transistor - 25 Watts, 1.20-1.40 GHz, 150mS Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
99Kb / 2P
   RADAR PULSED POWER TRANSISTOR 25 WATTS, 2.70-2.90 GHz, 100ms PULSE, 10% DUTY
PH1214-110M MACOM-PH1214-110M Datasheet
52Kb / 2P
   Radar Pulsed Power Transistor - 110 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com