Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80204SS03LBE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S80204SS03LBE
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80204SS03LBE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S80204SS03LBE Datasheet HTML 1Page - List of Unclassifed Manufacturers S80204SS03LBE Datasheet HTML 2Page - List of Unclassifed Manufacturers S80204SS03LBE Datasheet HTML 3Page - List of Unclassifed Manufacturers S80204SS03LBE Datasheet HTML 4Page - List of Unclassifed Manufacturers S80204SS03LBE Datasheet HTML 5Page - List of Unclassifed Manufacturers S80204SS03LBE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Note: Orientation of
actuator markings
and terminals.
NONE
D ON-OFF
L ON
M ON-OFF
N RED RECTANGLE ON ONE END
(STD.) NO MARKINGS
NOTE: Top plate markings are available with ‘S1, S2, S3 and ST’ mounting style only. The marking color
on all top plates with marking options ‘D, L and M’ is white, standard. (except white top plates: marking
color is black, standard). The marking color on all top plates with ‘N’ marking option is red, standard.
Other marking colors are available, consult Customer Service Center.
TOP PLATE MARKINGS
01 SOLDER LUG WITH NOTCH 02 PC THRU-HOLE
Recommended with ‘MS’
mounting style only.
PC MOUNTING
03 (STD.) SOLDER LUG WITH HOLE
04 PC THRU-HOLE
07 QUICK CONNECT
WC WIRE LEAD
18 AWG wire for S1XX and S2XX models.
16 AWG wire for all other models. Black
wire standard, other colors and lengths
available, consult Customer Service Center.
UL style 1015.
NOTE: All terminals on S1XX, S2XX, S5XX and S6XX models are .020 (0,51) thick;
all terminals on S7XX and S8XX models are .031 (0,79) thick.
Recommended with double pole
models only.
08 PC THRU-HOLE
MS mounting style only.
.118
$.015
(3,00
$0,38)
.368
$.015
(9,35
$0,38)
.113
$.015
(2,87
$0,38)
.140
(3,56)
.503
$.015
(12,78
$0,38)
DPST and DPDT models are only available with two
diagonal terminal jumper strips, providing reversing
capability. Select desired termination option from chart.
REVERSING SWITCH OPTION
TERMINATIONS
08 terminations
with MS mounting style.
02 & 04 terminations
S Series
Slide Switches
E
E-34
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
REVERSING SWITCH
TERMINATION OPTIONS
OPTION
CODE
DESCRIPTION
51
01 TERMINALS + REVERSING FEATURE
52
02 TERMINALS + REVERSING FEATURE
53
03 TERMINALS + REVERSING FEATURE
54
04 TERMINALS + REVERSING FEATURE
57
07 TERMINALS + REVERSING FEATURE
WR
WC TERMINALS + REVERSING FEATURE
Rev. A 8/99


Similar Part No. - S80204SS03LBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
S802031SS03Q CK-COMPONENTS-S802031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
Teccor Electronics
S8020L TECCOR-S8020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8020L LITTELFUSE-S8020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8020L LITTELFUSE-S8020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8020L NJSEMI-S8020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S80204SS03LBE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com