Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS174N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS174N
Description  Hex D flip-flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS174N Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS174N Datasheet HTML 1Page - NXP Semiconductors 74ALS174N Datasheet HTML 2Page - NXP Semiconductors 74ALS174N Datasheet HTML 3Page - NXP Semiconductors 74ALS174N Datasheet HTML 4Page - NXP Semiconductors 74ALS174N Datasheet HTML 5Page - NXP Semiconductors 74ALS174N Datasheet HTML 6Page - NXP Semiconductors 74ALS174N Datasheet HTML 7Page - NXP Semiconductors 74ALS174N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
74ALS174
Hex D flip-flop
1991 Feb 08
5
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
SF00294
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width,
and Maximum Clock Frequency
VM
SC00065
MR
Qn
VM
tw(L)
tPHL
VM
tREC
CP
VM
Waveform 2.
Master Reset Pulse Width,
Master Reset to Output Delay,
and Master Reset to Clock Recovery Time
th(H)
tsu(H)
CP
SC00064
VM
VM
VM
VM
VM
VM
th(L)
tsu(L)
Dn
Waveform 3.
Data Setup and Hold Times
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005


Similar Part No. - 74ALS174N

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ALS174 SS-74ALS174 Datasheet
715Kb / 5P
   Advanced Low Power Schottky Logic
Rev 1.1 20/01/24
More results

Similar Description - 74ALS174N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
   Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
   HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
   HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351 Datasheet
111Kb / 7P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
F100151 NSC-F100151 Datasheet
145Kb / 6P
   Hex D Flip-Flop
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
   HEX D FLIP-FLOP
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
   Hex D Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com