Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0181 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0181
Description  GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0181 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0181 Datasheet HTML 1Page - Tyco Electronics MASWSS0181 Datasheet HTML 2Page - Tyco Electronics MASWSS0181 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPDT 2.5 V High Power Switch
DC - 3.0 GHz
MASWSS0181
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Typical Performance Curves vs. Temperature, 100 pF blocking capacitors
Insertion Loss vs. Frequency
Isolation vs. Frequency
-90
-85
-80
-75
-70
-65
-60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vc (V)
+25°C
+85°C
-40°C
-90
-85
-80
-75
-70
-65
-60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vc (V)
+25°C
+85°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25°C
+85°C
-40°C
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25°C
+85°C
-40°C
Lead-Free SOT-26 Plastic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.
2nd Harmonic vs. Control Voltage,
Pin = 34 dBm CW, 1 GHz
3rd Harmonic vs. Control Voltage,
Pin = 34 dBm CW, 1 GHz


Similar Part No. - MASWSS0181

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
661Kb / 4P
   GaAs SPDT 2.5 V High Power Switch
MASWSS0181SMB MA-COM-MASWSS0181SMB Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181SMB MA-COM-MASWSS0181SMB Datasheet
661Kb / 4P
   GaAs SPDT 2.5 V High Power Switch
More results

Similar Description - MASWSS0181

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
   2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
   High Power GaAs SPDT Switch DC - 2.5 GHz
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
   High Power GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS341 HW-HWS341 Datasheet
94Kb / 2P
   GaAs DC-2.5 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com