Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPLST2122-090CF Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAPLST2122-090CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 90W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST2122-090CF Datasheet(HTML) 3 Page - Tyco Electronics

  MAPLST2122-090CF Datasheet HTML 1Page - Tyco Electronics MAPLST2122-090CF Datasheet HTML 2Page - Tyco Electronics MAPLST2122-090CF Datasheet HTML 3Page - Tyco Electronics MAPLST2122-090CF Datasheet HTML 4Page - Tyco Electronics MAPLST2122-090CF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF Power LDMOS Transistor, 2110 — 2170 MHz, 90W, 28V
MAPLST2122-090CF
4/6/2005
Preliminary
Figure 1. 2110—2170 MHz Test Fixture Schematic
Figure 2. 2110—2170 MHz Test Fixture Component Layout
3
C1
Tantalum Electrolytic Surface Mt. Cap., 22 µF
L1
Inductor, 8 nH, CoilCraft A03T
C2,C13
Ceramic Chip Capacitor, 0.1 µF
P1,P2
Connector, AMP 640457-4
C3,C12
Ceramic Chip Capacitor, 1000 pF
Q1
Transistor, MAPLST2122-090CF
C4,C5,C9,C10,C11
Chip Capacitor, 8.2 pF ATC100B
R1
Chip Resistor, 10 Ohm 1/4 Watt
C6,C7
Chip Capacitor, 1.0 pF ATC100B
R2
Chip Resistor, 100K Ohm 1/4 Watt
C8
Chip Capacitor, 0.3 pF, ATC100B
Z1-Z7
Distributed Microstrip Element
C14
Electrolytic Surface Mount Capacitor, 220 µF
PC Board (74350133-01), Arlon Woven Glass
J1,J2
SMA Connector, Omni Spectra 2052-5636-02
Teflon .030” Thick, Er=2.54, 2 Oz Copper
Both Sides


Similar Part No. - MAPLST2122-090CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
M/A-COM Technology Solu...
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
   LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
logo
Tyco Electronics
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results

Similar Description - MAPLST2122-090CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com