Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST2122-030CF Datasheet(PDF) 5 Page - Tyco Electronics

Part No. MAPLST2122-030CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST2122-030CF Datasheet(HTML) 5 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RF Power LDMOS Transistor, 2110 — 2170 MHz, 30W, 28V
MAPLST2122-030CF
4/6/2005
Preliminary
Package Dimensions
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. M/A-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
North America:
Tel. (800) 366-2266
Asia/Pacific:
Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe:
Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn