Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST2122-030CF Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAPLST2122-030CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST2122-030CF Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF Power LDMOS Transistor, 2110 — 2170 MHz, 30W, 28V
MAPLST2122-030CF
4/6/2005
Preliminary
Figure 1. 2110—2170 MHz Test Fixture Schematic
Figure 2. 2110—2170 MHz Test Fixture Component Layout
3
C1,C6
Tantalum Electrolytic Surface Mt. Cap., 22 µF
C2,C7
Ceramic Chip Capacitor, 0.1 µF
C3,C8
Ceramic Chip Capacitor, 1000 pF
C4,C5,C9,C10
Chip Capacitor, 8.2 pF ATC100B
C11
Chip Capacitor, 0.5 pF ATC100B
C12
Chip Capacitor, 1.2 pF ATC100B
Z1-Z9
Distributed Microstrip Element
J1,J2
SMA Connector, Omni Spectra 2052-5636-02
L1
Inductor, 8 nH, CoilCraft A03T
L2
Inductor, 18.5 nH, CoilCraft A05T
P1,P2
Connector, AMP 640457-4
Q1
Transistor, MAPLST2122-030CF
R1
Chip Resistor (0805), 100k Ohm
R2
Chip Resistor (0805), 10K Ohm
PC Board (74350132-01), Arlon Woven Glass
Teflon .030” Thick, Er=2.54, 2 Oz Copper
Both Sides


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn