Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST2122-015CF Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MAPLST2122-015CF
Description  RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST2122-015CF Datasheet(HTML) 2 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Power LDMOS Transistor, 2110 — 2170 MHz, 15W, W-CDMA
MAPLST2122-015CF
8/20/2003
Preliminary
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0)
IDSS
1
µAdc
Gate—Source Leakage Current
(VGS = 5 Vdc, VDS = 0)
IGSS
1
µAdc
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS (1)
FUNCTIONAL TESTS (In M/A-COM Test Fixture) (2)
Characteristic
Symbol
Min
Typ
Max
Unit
DC CHARACTERISTICS @ 25ºC
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 20 µAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0)
IDSS
1
µAdc
Gate—Source Leakage Current
(VGS = 5 Vdc, VDS = 0)
IGSS
1
µAdc
Gate Threshold Voltage
(Vds = 28 Vdc, Id = 1 mA)
VGS(th)
2.5
3.0
4.0
Vdc
Gate Quiescent Voltage
(Vds = 28 Vdc, Id = 250 mA)
VDS(Q)
2.5
3.5
4.5
Vdc
Drain-Source On-Voltage
(Vgs = 10 Vdc, Id = 1 A)
VDS(on)
0.2
Vdc
Forward Transconductance
(Vgs = 10 Vdc, Id = 1 A)
Gm
1.0
S
DYNAMIC CHARACTERISTICS @ 25ºC
Reverse Transfer Capacitance
(VDS = 28 Vdc, VGS = 0, f = 1 MHz)
Crss
0.9
pF
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture) (2)
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2170.0 MHz, f2 = 2170.1 MHz)
Gps
12
12.8
dB
Two-Tone Drain Efficiency
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2170.0 MHz, f2 = 2170.1 MHz)
EFF (ŋ)
32
%
Two-Tone Third Order Intermod
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2170.0 MHz, f2 = 2170.1 MHz)
IMD
-30
dBc
Input Return Loss
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2170.0 MHz, f2 = 2170.1 MHz)
IRL
-12
dB
Two-Tone Common-Source Amplifier Power Gain
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2110.0 MHz, f2 = 2110.1 MHz)
Gps
12
12.8
dB
Two-Tone Drain Efficiency
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2110.0 MHz, f2 = 2110.1 MHz)
EFF (ŋ)
32
%
Two-Tone Third Order Intermod
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2110.0 MHz, f2 = 2110.1 MHz)
IMD
-30
dBc
Input Return Loss
(VDS = 28 Vdc, POUT = 15 W PEP. IDQ = 150 mA,
f1 = 2110.0 MHz, f2 = 2110.1 MHz)
IRL
-12
-10
dB
Output VSWR Tolerance
(VDD = 28 Vdc, Pout = 30 W, IDQ = 250 mA, f = 2110 MHz,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
2


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn