Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST1900-060CF Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAPLST1900-060CF
Description  RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 60W, 26V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST1900-060CF Datasheet(HTML) 3 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RF Power LDMOS Transistor, 1890 — 1925 MHz, 60W, 26V
MAPLST1900-060CF
10/31/03
Preliminary
Figure 1. 1890—1925 MHz Test Fixture Schematic
Figure 2. 1890—1925 MHz Test Fixture Component Layout
3
C1,C7
Electrolytic Surface Mt. Cap., 100 µF, 35 V
C2,C8
Ceramic Chip Capacitor, 0.1 µF
C3,C9
Ceramic Chip Capacitor, 1000 pF
C4,C5,C10,C15
Chip Capacitor, 8.2 pF ATC100B
C6
Chip Capacitor, 0.5 pF ATC100B
C11,C12 Chip Capacitor, 2.0 pF ATC100B
C14
Chip Capacitor, 1.5 pF ATC100B
J1,J2
SMA Connector, Omni Spectra 2052-5636-02
L1,L2
Inductor, 8 nH, CoilCraft A03T
L3
Inductor, 18.5 nH, CoilCraft A05T
P1,P2
Connector, AMP 640457-4
Q1
Transistor, MAPLST1900-060CF
R1
Chip Resistor (0805), 100 Ohm
Z1
Distributed Microstrip Element, 0.200” x 0.088”
Z2
Distributed Microstrip Element, 0.250” x 0.237”
Z3
Distributed Microstrip Element, 0.340” x 0.237”
Z4
Distributed Microstrip Element, 0.340” x 0.237”
Z5
Distributed Microstrip Element, 0.400” x 0.540”
Z6
Distributed Microstrip Element, 0.695” x 0.620”
Z7
Distributed Microstrip Element, 0.243” x 0.620”
Z8
Distributed Microstrip Element, 0.243” x 0.620”
Z9
Distributed Microstrip Element, 0.450” x 0.085”
Z10
Distributed Microstrip Element, 0.450” x 0.085”
Z11
Distributed Microstrip Element, 0.250” x 0.085”
PC Board (74350144-01), Arlon Woven Glass
Teflon .030” Thick, Er=2.54, 2 Oz Copper
Both Sides


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn