Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST1900-030CF Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MAPLST1900-030CF
Description  RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 30W, 26V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST1900-030CF Datasheet(HTML) 4 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RF Power LDMOS Transistor, 1890 — 1925 MHz, 30W, 26V
MAPLST1900-030CF
10/31/03
Preliminary
4
Graph 1. PHS: Power Gain and Drain Efficiency vs. Output Power
Graph 2. PHS: Adjacent Channel Power Ratio vs. Output Power
4
10.75
11.00
11.25
11.50
11.75
12.00
12.25
12.50
12.75
13.00
13.25
13.50
30
31
32
33
34
35
36
37
38
39
40
41
42
43
POUT(dBm) avg.
0
5
10
15
20
25
30
35
40
Gain (1899MHz)
Gain (1905MHz)
Eff (1899MHz)
Eff (1905MHz)
f
ACPR (600kHz Offset) @ 1905MHz
Pi/4 DQPSK,192 kHz, 26VDC, 250mA
-80
-75
-70
-65
-60
-55
30
31
32
33
34
35
36
37
38
39
40
41
42
43
POUT(dBm) avg.
ACPR Lower (1905MHz)
ACPR Upper (1905MHz)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn