Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST1617-030CF Datasheet(PDF) 1 Page - Tyco Electronics

Part No. MAPLST1617-030CF
Description  RF Power Field Effect Transistor LDMOS, 1600 - 1700 MHz, 30W, 28V
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST1617-030CF Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAPLST1617-030CF
RF Power Field Effect Transistor
LDMOS, 1600 — 1700 MHz, 30W, 28V
Features
Designed for INMARSAT applications in the
1620-1670 MHz frequency band.
Typical Two Tone Performance
(IMD=-30 dBc):
Average Output Power: 15W
Gain: 14dB (typ.)
Efficiency: 38% (typ.)
10:1 VSWR Ruggedness at 30W, 28V,
1670MHz)
Package Style
5/5/05
Preliminary
Maximum Ratings
Parameter
Symbol
Rating
Units
Drain—Source Voltage
V
DSS
65
Vdc
Gate—Source Voltage
V
GS
20
Vdc
Total Power Dissipation @ TC = 25 °C
P
D
97
W
Storage Temperature
T
STG
-40 to +150
°C
Junction Temperature
T
J
+200
°C
Characteristic
Symbol
Thermal Resistance, Junction to Case
RΘJC
Max
1.8
Unit
ºC/W
Thermal Characteristics
NOTE—CAUTION—MOS devices are susceptible to damage from electrostatic charge. Precautions in handling and packaging
MOS devices should be observed.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn