Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPLST0822-002PP Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAPLST0822-002PP
Description  RF Power Field Effect Transistor LDMOS, 800-2200 MHz, 2W, 28V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST0822-002PP Datasheet(HTML) 3 Page - Tyco Electronics

  MAPLST0822-002PP Datasheet HTML 1Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 2Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 3Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 4Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 5Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 6Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 7Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 8Page - Tyco Electronics MAPLST0822-002PP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Power LDMOS Transistor, 800-2200 MHz, 2W, 28V
MAPLST0822-002PP
4/14/05
Preliminary
Characteristic
Symbol
Min
Typ
Max
Unit
3
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture)
Common Source Amplifier Gain
(VDD = 26 Vdc, IDQ = 35 mA, f = 1670 MHz, POUT = 2 W)
GP
15
dB
Drain Efficiency
(VDD = 26 Vdc, IDQ = 35 mA, f = 1670 MHz, POUT = 2 W)
EFF (ŋ)
45
%
Input Return Loss
(VDD = 26 Vdc, IDQ = 35 mA, f = 1670 MHz, POUT = 2 W)
IRL
-11
dB
Output VSWR Tolerance
(VDD = 26 Vdc, IDQ = 35 mA, f = 1670 MHz, POUT = 2 W,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture shown in Figure 12)
Common Source Amplifier Gain
(VDD = 26 Vdc, IDQ = 50 mA, f = 960 MHz, POUT = 2 W)
GP
20
dB
Drain Efficiency
(VDD = 26 Vdc, IDQ = 50 mA, f = 960 MHz, POUT = 2 W)
EFF (ŋ)
50
%
Input Return Loss
(VDD = 26 Vdc, IDQ = 50 mA, f = 960 MHz, POUT = 2 W)
IRL
-12
dB
Output VSWR Tolerance
(VDD = 26 Vdc, IDQ = 50 mA, f = 960 MHz, POUT = 2 W,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture)
Common Source Amplifier Gain
(VDD = 28 Vdc, IDQ = 35 mA, f = 2170 MHz, POUT = 2 W)
GP
14
dB
Drain Efficiency
(VDD = 28 Vdc, IDQ = 35 mA, f = 2170 MHz, POUT = 2 W)
EFF (ŋ)
38
%
Input Return Loss
(VDD = 28 Vdc, IDQ = 35 mA, f = 2170 MHz, POUT = 2 W)
IRL
-9
dB
Output VSWR Tolerance
(VDD = 28 Vdc, IDQ = 35 mA, f = 2170 MHz, POUT = 2 W,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
RF FUNCTIONAL TESTS @ 25ºC (In M/A-COM Test Fixture shown in Figure 10)
Common Source Amplifier Gain
(VDD = 26 Vdc, IDQ = 35 mA, f = 1900 MHz, POUT = 2 W)
GP
14.5
dB
Drain Efficiency
(VDD = 26 Vdc, IDQ = 35 mA, f = 1900 MHz, POUT = 2 W)
EFF (ŋ)
40
%
Input Return Loss
(VDD = 26 Vdc, IDQ = 35 mA, f = 1900 MHz, POUT = 2 W)
IRL
-10
dB
Output VSWR Tolerance
(VDD = 26 Vdc, IDQ = 35 mA, f = 1900 MHz, POUT = 2 W,
VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test


Similar Part No. - MAPLST0822-002PP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
More results

Similar Description - MAPLST0822-002PP

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPL-000822-002PP MA-COM-MAPL-000822-002PP Datasheet
278Kb / 10P
   LDMOS RF Line Power FET Transistor 2 W , 800-2200 MHz, 28V
logo
Tyco Electronics
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
MAPLST2122-015CF MACOM-MAPLST2122-015CF Datasheet
238Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 15W, 28V
MAPLST2122-090CF MACOM-MAPLST2122-090CF Datasheet
164Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 90W, 28V
MAPLST1617-030CF MACOM-MAPLST1617-030CF Datasheet
203Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1600 - 1700 MHz, 30W, 28V
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPL-000817-015C00 MACOM-MAPL-000817-015C00 Datasheet
246Kb / 8P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
logo
Infineon Technologies A...
PTFA220081M INFINEON-PTFA220081M Datasheet
1Mb / 17P
   High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Rev. 04, 2010-06-09
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
   High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com