Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAPLST0810-045CF Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MAPLST0810-045CF
Description  RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST0810-045CF Datasheet(HTML) 3 Page - Tyco Electronics

  MAPLST0810-045CF Datasheet HTML 1Page - Tyco Electronics MAPLST0810-045CF Datasheet HTML 2Page - Tyco Electronics MAPLST0810-045CF Datasheet HTML 3Page - Tyco Electronics MAPLST0810-045CF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RF Power LDMOS Transistor, 865-960 MHz, 45W, 26V
MAPLST0810-045CF
5/21/04
Preliminary
3
Graph 1. CW Power Gain and Efficiency
vs. Output Power
Graph 3. 2-Tone Intermodulation vs.
Output Power
Graph 2. EDGE RMS EVM vs. Output
Power
CW: V
DD = 26/28V, IDQ = 350mA
11
12
13
14
15
16
17
18
35
40
45
50
P
OUT(dBm )
0
10
20
30
40
50
60
70
Gain (26V)
Gain (28V)
Ef f iciency (26V)
Ef f iciency (28V)
EDGE: VDD= 26/28V, IDQ= 350mA
0
1
2
3
4
5
30
35
40
45
P
OUT(dBm - Avg.)
EVM @ 26Vdc
EVM @ 28Vdc
2-TONE: VDD = 26/28V, IDQ = 350mA
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
30
35
40
45
POUT(dBm- Avg.)
IM3 @ 26Vdc
IM3 @ 28Vdc


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn