Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAPLST0810-045CF Datasheet(PDF) 1 Page - Tyco Electronics

Part No. MAPLST0810-045CF
Description  RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

MAPLST0810-045CF Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Power Field Effect Transistor
LDMOS, 865 — 960 MHz, 45W, 26V
Designed for 865 to 960 MHz Broadband
Commercial and Base Station
Applications.
Typical CW RF Performance at 960MHz,
26VDC:
POUT: 45W (P1dB)
Gain: 17.5dB
Efficiency: 50%
Ruggedness: 10:1 VSWR @ 45W CW,
26V, 900MHz
High Gain, High Efficiency and High
Linearity
Excellent Thermal Stability
Package Style
5/21/04
Preliminary
Maximum Ratings
Parameter
Symbol
Rating
Units
Drain—Source Voltage
V
DSS
65
Vdc
Gate—Source Voltage
V
GS
20
Vdc
Total Power Dissipation @ TC = 25 °C
P
D
117
W
Storage Temperature
T
STG
-40 to +150
°C
Junction Temperature
T
J
+200
°C
Characteristic
Symbol
Thermal Resistance, Junction to Case
RΘJC
Max
1.5
Unit
ºC/W
Thermal Characteristics
NOTE—CAUTION—MOS devices are susceptible to damage from electrostatic charge. Precautions in handling and packag-
ing MOS devices should be observed.
P-239
Features


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn