Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPLST0810-030CF Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAPLST0810-030CF
Description  RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST0810-030CF Datasheet(HTML) 1 Page - Tyco Electronics

  MAPLST0810-030CF Datasheet HTML 1Page - Tyco Electronics MAPLST0810-030CF Datasheet HTML 2Page - Tyco Electronics MAPLST0810-030CF Datasheet HTML 3Page - Tyco Electronics MAPLST0810-030CF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Power Field Effect Transistor
LDMOS, 865 — 960 MHz, 30W, 26V
Designed for 865 to 960 MHz Broadband
Commercial and Base Station
Applications.
Typical CW RF Performance at 960MHz,
26VDC:
POUT: 30W (P1dB)
Gain: 18dB
Efficiency: 50%
Ruggedness: 10:1 VSWR @ 30W CW,
26V, 925MHz
High Gain, High Efficiency and High
Linearity
Excellent Thermal Stability
Package Style
5/14/04
Preliminary
Maximum Ratings
Parameter
Symbol
Rating
Units
Drain—Source Voltage
V
DSS
65
Vdc
Gate—Source Voltage
V
GS
20
Vdc
Total Power Dissipation @ TC = 25 °C
P
D
97
W
Storage Temperature
T
STG
-40 to +150
°C
Junction Temperature
T
J
+200
°C
Characteristic
Symbol
Thermal Resistance, Junction to Case
RΘJC
Max
1.8
Unit
ºC/W
Thermal Characteristics
NOTE—CAUTION—MOS devices are susceptible to damage from electrostatic charge. Precautions in handling and packag-
ing MOS devices should be observed.
P-239
Features


Similar Part No. - MAPLST0810-030CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
More results

Similar Description - MAPLST0810-030CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST1820-030CF MACOM-MAPLST1820-030CF Datasheet
181Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 30W, 26V
MAPLST1900-030CF MACOM-MAPLST1900-030CF Datasheet
236Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 30W, 26V
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPLST1900-060CF MACOM-MAPLST1900-060CF Datasheet
234Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 60W, 26V
MAPLST1820-090CF MACOM-MAPLST1820-090CF Datasheet
129Kb / 4P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 90W, 26V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com