Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS151N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS151N
Description  8-input multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS151N Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS151N Datasheet HTML 1Page - NXP Semiconductors 74ALS151N Datasheet HTML 2Page - NXP Semiconductors 74ALS151N Datasheet HTML 3Page - NXP Semiconductors 74ALS151N Datasheet HTML 4Page - NXP Semiconductors 74ALS151N Datasheet HTML 5Page - NXP Semiconductors 74ALS151N Datasheet HTML 6Page - NXP Semiconductors 74ALS151N Datasheet HTML 7Page - NXP Semiconductors 74ALS151N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
74ALS151
8-input multiplexer
1991 Feb 08
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
In to Y
Waveform 1
3.0
5.0
12.0
12.0
ns
tPLH
tPHL
Propagation delay
In to Y
Waveform 2
3.0
5.0
15.0
15.0
ns
tPLH
tPHL
Propagation delay
Sn to Y
Waveform 1, 2
5.0
7.0
15.0
16.0
ns
tPLH
tPHL
Propagation delay
Sn to Y
Waveform 1, 2
5.0
5.0
15.0
16.0
ns
tPLH
tPHL
Propagation delay
E to Y
Waveform 1
4.0
4.0
12.0
12.0
ns
tPLH
tPHL
Propagation delay
E to Y
Waveform 1
4.0
5.0
12.0
14.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
VOUT
VIN
tPHL
tPLH
SF00093
Waveform 1.
Propagation Delay for Inverting Output
VM
VM
VM
VM
VOUT
VIN
tPLH
tPHL
SF00092
Waveform 2.
Propagation Delay for Non-inverting Output
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005


Similar Part No. - 74ALS151N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
74ALS153D PHILIPS-74ALS153D Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
74ALS153DB PHILIPS-74ALS153DB Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
74ALS153N PHILIPS-74ALS153N Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
74ALS157 PHILIPS-74ALS157 Datasheet
109Kb / 9P
   Data selector/multiplexer
1991 Feb 08
More results

Similar Description - 74ALS151N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com