Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABAES0054 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABAES0054
Description  E-Series 4:1 Transmission Line Transformer 5.00 - 1000.00 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0054 Datasheet(HTML) 3 Page - Tyco Electronics

  MABAES0054 Datasheet HTML 1Page - Tyco Electronics MABAES0054 Datasheet HTML 2Page - Tyco Electronics MABAES0054 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Pin No.
Pin Name
Secondary Dot
1
Secondary CT
2
Secondary
3
Primary
4
Primary Dot
5
Primary CT
-
Case Ground
-
Not Connected
-
Parameter
Absolute Maximum
RF Power
250 mW
Peak IF Current
40 mA
Storage Temperature
-40
°C to +85° C
Operating Temperature
-40
°C to +85° C
Pin Temperature (10 Seconds)
260
° C
Pin Configuration
Recommended PCB Configuration
E SERIES 4:1 Transmission Line Transformer
MABAES0054
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V1.01
Absolute Maximum Ratings


Similar Part No. - MABAES0054

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0008 MACOM-MABAES0008 Datasheet
76Kb / 2P
   E-Series RF 1:4 Flux Coupled Stepup Transformer
logo
M/A-COM Technology Solu...
MABAES0008 MA-COM-MABAES0008 Datasheet
102Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 3 MHZ - 250 MHz
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
Tyco Electronics
MABAES0015 MACOM-MABAES0015 Datasheet
71Kb / 2P
   RF 1:4 Flux Coupled Stepup Transformer 2.0 - 800 MHz
More results

Similar Description - MABAES0054

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010012-ES4302 MA-COM-MABA-010012-ES4302 Datasheet
152Kb / 4P
   E-Series 1:4 Transmission Line Transformer
MABA-010012-ES4302 MA-COM-MABA-010012-ES4302 Datasheet
152Kb / 4P
   E-Series 1:4 Transmission Line Transformer
MABA-010012-ES4302 MA-COM-MABA-010012-ES4302_14 Datasheet
346Kb / 4P
   E-Series 1:4 Transmission Line Transformer
ETC1.6-4-2-3 MA-COM-ETC1.6-4-2-3 Datasheet
150Kb / 2P
   E-Series RF 4:1 Transmission Line Transformer 500 - 3000 MHz
logo
Tyco Electronics
ETC1-1-13 MACOM-ETC1-1-13_1 Datasheet
161Kb / 2P
   E-Series 1:1 Transmission Line Transformer 1710 - 1910 MHz
logo
M/A-COM Technology Solu...
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000_V4 MA-COM-MABA-007159-000000_V4 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
logo
Tyco Electronics
ETC1-1-13 MACOM-ETC1-1-13 Datasheet
264Kb / 2P
   E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
138Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
ETC1-1-13 MA-COM-ETC1-1-13 Datasheet
436Kb / 4P
   E-Series RF 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com