Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T201MH9AVBE2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # T201MH9AVBE2
Description  Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T201MH9AVBE2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  T201MH9AVBE2 Datasheet HTML 1Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 2Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 3Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 4Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 5Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 6Page - List of Unclassifed Manufacturers T201MH9AVBE2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CONTACT MATERIAL
All models
with all options when ordered with G, L, M or Q contact material.
CONTACT MATERIAL / APPLICATION RECOMMENDATIONS – SEE CHART, PAGE L-31.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
B contact material standard with A, AV, V3 & W terminations.
Q contact material standard with C & Z terminations.
SEAL
E (STD.) EPOXY SEAL
TERMINATIONS
V3
PC MOUNTING
T201MH9V3BE
DPDT
Actuator Shown In Pos. 1
(STD.) VERTICAL MOUNT, V-BRACKET
Subminiature Toggle Switches
T Series
A
A-45
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
B (STD.)
GOLD 1
GOLD 1
LOW LEVEL / DRY CIRCUIT
04VA MAX @20VACORDCMAX
K
GOLD 1
TIN-LEAD 6
LOW LEVEL / DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
Q (STD.)
SILVER 45
SILVER 5
POWER
TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
M
SILVER 4,5
TIN-LEAD 6
POWER
TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC.
G
GOLD OVER SILVER 23
GOLD 3
LOW LEVEL / DRY CIRCUIT OR POWER
TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR
3 AMPS @ 120 V AC OR 28 V DC.
L
GOLD OVER SILVER 2,3
TIN-LEAD 6
LOW LEVEL / DRY CIRCUIT OR POWER
3 AMPS @ 120 V AC OR 28 V DC.
ALL OTHER MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
2 AMPS @ 120 V AC OR 28 V DC.
Rev. A 8/99


Similar Part No. - T201MH9AVBE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T201 CK-COMPONENTS-T201 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
List of Unclassifed Man...
T2010 ETC-T2010 Datasheet
843Kb / 2P
   PRECISION THIN FILM CHIP RESISTROS
logo
TE Connectivity Ltd
T2010102101-000 TEC-T2010102101-000 Datasheet
993Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
T2010102101-001 TEC-T2010102101-001 Datasheet
993Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
T2010102201-000 TEC-T2010102201-000 Datasheet
1Mb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - T201MH9AVBE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com