Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALS04BDB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS04BDB
Description  Hex inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS04BDB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS04BDB Datasheet HTML 1Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 2Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 3Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 4Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 5Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 6Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 7Page - NXP Semiconductors 74ALS04BDB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74ALS04B
Hex inverter
2
1991 Feb 08
853–0856 01670
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS04B
3.5ns
2.0mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
14-pin plastic DIP
74ALS04BN
SOT27-1
14-pin plastic SO
74ALS04BD
SOT108-1
14-pin plastic SSOP
Type II
74ALS04BDB
SOT337-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
5Y
4A
4Y
5A
6A
6Y
1A
1Y
3Y
2A
2Y
3A
SF00011
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
nA
Data input
1.0/1.0
20
µA/0.1mA
nY
Data output
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00013
1A
2A 3A 4A 5A 6A
2
1A
2A 3A 4A 5A 6A
12
IEC/IEEE SYMBOL
13
1
SF00014
12
11
10
9
8
5
6
3
4
1
2
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SF00012
2
4
6
8
10
12
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
1A
2A
3A
4A
5A
6A
FUNCTION TABLE
INPUT
OUTPUT
nA
nY
L
H
H
L
H = High voltage level
L
= Low voltage level


Similar Part No. - 74ALS04BDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALS04 TI-74ALS04 Datasheet
518Kb / 15P
[Old version datasheet]   HEX INVERTERS
logo
Fairchild Semiconductor
74ALS04 FAIRCHILD-74ALS04 Datasheet
60Kb / 5P
   Hex Inverter
More results

Similar Description - 74ALS04BDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com