Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT86PWDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT86PWDH
Description  Quad 2-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT86PWDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT86PWDH Datasheet HTML 3Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 4Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 5Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 9Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 10Page - NXP Semiconductors 74AHCT86PWDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 17
7
Philips Semiconductors
Product specification
Quad 2-input EXCLUSIVE-OR gate
74AHC86; 74AHCT86
AC CHARACTERISTICS
Type 74AHC86
Voltage are referenced to GND (ground = 0 V); tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
Type 74AHCT86
Ground = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6
15 pF
4.8
11.0
1.0
13.0
1.0
14.0
ns
50 pF
6.8
14.5
1.0
16.5
1.0
18.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6
15 pF
3.4
6.8
1.0
8.0
1.0
8.5
ns
50 pF
4.8
8.8
1.0
10.0
1.0
11.0
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nA, nB to nY
see Figs 5 and 6
15 pF
3.4
6.9
1.0
8.0
1.0
9.0
ns
50 pF
4.9
8.8
1.0
10.0
1.0
11.0
ns


Similar Part No. - 74AHCT86PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT86PW NXP-74AHCT86PW Datasheet
85Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
logo
Nexperia B.V. All right...
74AHCT86PW NEXPERIA-74AHCT86PW Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHCT86PW-Q100 NEXPERIA-74AHCT86PW-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT86PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com