Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-000066-PKG003 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAAP-000066-PKG003
Description  Amplifier, Power, 2.0W 2.5-5.0 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000066-PKG003 Datasheet(HTML) 6 Page - Tyco Electronics

  MAAP-000066-PKG003 Datasheet HTML 1Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 2Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 3Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 4Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 5Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 6Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 7Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 8Page - Tyco Electronics MAAP-000066-PKG003 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Amplifier, Power, 2.0W
2.5-5.0 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev -
Preliminary Datasheet
6
MAAP-000066-PKG003
RoHS
Compliant
Figure 20. Third Order Intermod vs. Output Power and Frequency
at VD = 6V and IDQ =660mA
0
10
20
30
40
50
60
70
80
90
100
8
10
12141618202224
26
2830
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz
Figure 22. Third Order Intermod vs. Output Power and Frequency
at VD = 8V and IDQ =660mA
0
10
20
30
40
50
60
70
80
90
100
8
10
12141618202224
26
2830
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz
Figure 24. Third Order Intermod vs. Output Power and Frequency
at VD = 10V and IDQ =660mA
0
10
20
30
40
50
60
70
80
90
100
8
10
12141618202224
26
2830
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz
Figure 19. Third Order Intercept vs. Output Power and Frequency
at VD = 6V and IDQ =660mA
30
32
34
36
38
40
42
44
46
48
50
8
101214
16
1820
22
242628
30
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz
Figure 21. Third Order Intercept vs. Output Power and Frequency
at VD = 8V and IDQ =660mA
30
32
34
36
38
40
42
44
46
48
50
8
101214
16
1820
22
242628
30
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz
Figure 23. Third Order Intercept vs. Output Power and Frequency
at VD = 10V and IDQ =660mA
30
32
34
36
38
40
42
44
46
48
50
8
1012
141618
202224
2628
30
Fundamental Output Power - Single Carrier (dBm)
2.5 GHz
4.5 GHz
6.0 GHz


Similar Part No. - MAAP-000066-PKG003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
MAAP-000064-SMB004 MACOM-MAAP-000064-SMB004 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
MAAP-000064-SMB004 MACOM-MAAP-000064-SMB004 Datasheet
216Kb / 5P
   Variable Drain Voltage (4-10V) Operation
MAAP-000067-MCH000 MACOM-MAAP-000067-MCH000 Datasheet
410Kb / 9P
   Amplifier, Power, 2W
MAAP-000067-PKG003 MACOM-MAAP-000067-PKG003 Datasheet
410Kb / 9P
   Amplifier, Power, 2W
More results

Similar Description - MAAP-000066-PKG003

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPY0031A GENERALPLUS-GPY0031A Datasheet
2Mb / 27P
   2.0W Audio Power Amplifier
logo
Hittite Microwave Corpo...
HMC152 HITTITE-HMC152 Datasheet
136Kb / 4P
   PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EMP112-P1 EXCELICS-EMP112-P1 Datasheet
87Kb / 1P
   5.0 - 7.2 GHz Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com