Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAANAT0133 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAANAT0133
Description  Slimline RFID Antenna - Japan Dual Circular Polarized, 950-956 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAANAT0133 Datasheet(HTML) 1 Page - Tyco Electronics

  MAANAT0133 Datasheet HTML 1Page - Tyco Electronics MAANAT0133 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Gain: 7.0 dBil Typical
• VSWR: 1.4:1 Typical
• Isolation: -33 dB Typical
• Beamwidth: 65° 3dB Beamwidth
• Polarization: LHCP, RHCP
• 10KΩ Sensing Circuit Resistor
• 13mm M5 Studs per VESA 100 Std.
• 19.6” x 8.8” x 1.6” Overall Dimensions
• RP-TNC Jack Connectors
Description
M/A-COM’s MAANAT0133 RFID antenna is a dual
circularly polarized fixed reader antenna for Japa-
nese RFID applications. High Gain (7.0 dBil typical)
and broad beamwidth (65° Typical) increases read
range while low VSWR (1.4:1 Typical) minimizes
wasted power in reader systems. Using our patent
pending technology, the antenna’s light weight (1.8
lbs) and small footprint (19.6” x 8.8” x 1.6”) are ideal
for all RFID applications. A 10KΩ sensing resistor
provides for easy system setup.
Ordering Information
Part Number
Package
MAANAT0133
As Requested
Item Picture
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
VSWR
Room Ambient
950-956 MHz
-
1.1:1
1.4:1
1.6:1
Isolation
Room Ambient
950-956 MHz
dB
-30
-33
-45
Gain
Room Ambient
950-956 MHz
dB
6.5
7.0
7.5
Beamwidth
Room Ambient
950-956 MHz
Deg
62
65
68
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
Operating Temperature
+80°C
Storage Temperature
+80°C
Relative Humidity
+95%
1. Operation of this device above any one of these parameters
may cause permanent damage.
Slimline RFID Antenna — Japan
Dual Circular Polarized, 950-956 MHz
MAANAT0133


Similar Part No. - MAANAT0133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAANAT0134 MACOM-MAANAT0134 Datasheet
439Kb / 2P
   Slimline RFID Antenna - Europe Dual Circular Polarized, 865-868 MHz
More results

Similar Description - MAANAT0133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAANAT0134 MACOM-MAANAT0134 Datasheet
439Kb / 2P
   Slimline RFID Antenna - Europe Dual Circular Polarized, 865-868 MHz
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
   Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAAN-000199-AT0000 MACOM-MAAN-000199-AT0000 Datasheet
360Kb / 2P
   Circular Polarized Mono-Static RFID Antenna Europe & India
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
   Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
MAFRIN0453 MACOM-MAFRIN0453 Datasheet
133Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
logo
M/A-COM Technology Solu...
MAFRIN0496 MA-COM-MAFRIN0496 Datasheet
131Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
logo
Tyco Electronics
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
logo
Laird Tech Smart Techno...
PEL90206 LSTD-PEL90206 Datasheet
1Mb / 2P
   Circularly Polarized RFID
logo
Pasternack Enterprises,...
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
   Mobile Antenna, 870 - 950 MHz, 5 dB
logo
Schneider Electric
XGCS850C201 SCHNEIDER-XGCS850C201 Datasheet
143Kb / 6P
   RFID compact smart antenna 13.56 MHz- Ethernet dual port communication
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com