Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3416-IJ0XX Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-3416-IJ0XX
Description  T-13/4 (5 mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3416-IJ0XX Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-3416-IJ0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-3416-IJ0XX Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Yellow HLMP-341X Series
Figure 8. Relative Luminous Intensity
vs. DC Forward Current.
Figure 7. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration (IDC MAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.


Similar Part No. - HLMP-3416-IJ0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3416 AVAGO-HLMP-3416 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
More results

Similar Description - HLMP-3416-IJ0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
   T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com