Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM100Q80RB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM100Q80RB
Description  100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM100Q80RB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM100Q80RB Datasheet HTML 1Page - List of Unclassifed Manufacturers OM100Q80RB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 1
3.2
OM100Q70CB/RB/DB
OM100Q80CB/RB/DB
OM100Q50CB/RB/DB
OM100Q60CB/RB/DB
OM100Q30CB/RB/DB
OM100Q40CB/RB/DB
OM100Q15CB/RB/DB
OM100Q20CB/RB/DB
OM100Q05CB/RB/DB
OM100Q10CB/RB/DB
100 Amp, 50 To 800 Volt High Power
Rectifier Module
4 11 R0
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC
ISOLATED POWER BLOCK PACKAGE
FEATURES
• Rugged Package Design
• Very Low Forward Voltage
• Very Fast Switching Time
• High Current
• Center-Tap Configuration
• Low Thermal Resistance
• Common Cathode Standard
• Ceramic Feedthroughs Available
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. The series combines the latest
silicon technology and a package specifically designed for high efficiency/high current
applications. These devices are ideally suited for applications where small size and a
hermetically sealed package are required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage.............................................. 50 to 800 V
Maximum Average D.C. Output Current @ T
C = 100° C ...................... 50 A
Surge Current (Non-Repetitive 8.3 ms) ................................... 700 A
Thermal Resistance, Junction-to-Case ................................. 1.0°C/W
Operating and Storage Temperature Range .................... - 55° C to + 150°C
SCHEMATIC
PIN CONNECTION
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
12
3
Common cathode is standard. Contact factory for performance
characteristics for common anode and doubler.
OMXXXXXXRB
OMXXXXXXCB
OMXXXXXXDB


Similar Part No. - OM100Q80RB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM100L60CMIS IRF-OM100L60CMIS Datasheet
194Kb / 10P
   CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
More results

Similar Description - OM100Q80RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6766 ETC1-1N6766 Datasheet
16Kb / 2P
   400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
   POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
logo
List of Unclassifed Man...
OM5301ST ETC1-OM5301ST Datasheet
23Kb / 2P
   20 AMP ULTRA FAST, ULTRA LOW FORWARD VOLTAGE CENTER-TAP POWER RECTIFIER
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
logo
International Rectifier
16CPF10 IRF-16CPF10 Datasheet
243Kb / 4P
   16 AMP FAST RECOVERY DUAL CENTER TAP RECTIFIERS
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
logo
International Rectifier
OM4204SS IRF-OM4204SS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com