Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-44XX Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL-44XX
Description  High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-44XX Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL-44XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
HSDL-44xx Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Ref.
Peak Forward Current (Duty Factor = 20%,
IFPK
500
mA
Fig. 7, 8
Pulse Width = 100
µs)
DC Forward Current
IFDC
100
mA
Fig. 6
Power Dissipation
PDISS
100
mW
Reverse Voltage (IR = 100 µA)
VR
5V
Transient Forward Current (10
µs Pulse)
IFTR
1.0
A
[1]
Operating Temperature
TO
-40
85
°C
Storage Temperature
TS
-55
100
°C
Junction Temperature
TJ
110
°C
Lead Solder Temperature
260/5 s
°C
[1.6 mm (0.063 in.) from body]
Reflow Soldering Temperatures
Convection IR
235/90 s
°C
Fig. 20
Vapor Phase
215/180 s
°C
Note:
1. The transient peak current in the maximum nonrecurring peak current the device can withstand without damaging the LED die and
the wire bonds.
HSDL-44xx Electrical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Ref.
Forward Voltage
VF
1.30
1.50
1.70
V
IFDC = 50 mA
Fig. 2
2.15
IFPK = 250 mA
Forward Voltage
∆V
F/∆T
-2.1
mV/
°CI
FDC = 50 mA
Fig. 3
Temperature Coefficient
-2.1
IFDC = 100 mA
Series Resistance
RS
2
IFDC = 100 mA
Diode Capacitance
CO
50
pF
0 V, 1 MHz
Reverse Voltage
VR
520
V
IR = 100 µA
Thermal Resistance,
R
θ
jp
170
°C/W
Junction to Pin


Similar Part No. - HSDL-44XX

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4400 LITEON-HSDL-4400 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
HSDL-4420 LITEON-HSDL-4420 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
More results

Similar Description - HSDL-44XX

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
logo
Siemens Semiconductor G...
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH421 SIEMENS-SFH421 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com