Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PF00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PF00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PF00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Part Numbering System
HLMx - x x 00 - x x x xx
Packaging Option
00: Straight Leads, Bulk Packaging, Quantity of 500 parts
11: Gull Wing Bend, Tape & Reel – 7" Reel
12: Gull Wing Bend, Bulk
14: Gull Wing Bend, Tape & Reel – 13" Reel
21: Yoke Bend, Tape and Reel – 7" Reel
22: Yoke Bend, Bulk
24: Yoke Bend, Tape and Reel – 13" Reel
31: Z-Bend, Tape and Reel – 7" Reel
32: Z-Bend, Bulk
34: Z-Bend, Tape and Reel – 13" Reel
Color Bin Selection
0:
Full Color Bin Distribution
B: Color Bins 3 & 4
K: Color Bins 2, 3 & 4
R: Color Bins 2 & 4
W: Color Bins 2, 4, 6 & 7
X: Color Bins 4, 6 & 7
Maximum Iv Bin Options
Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Color Options
L:
Amber 590 nm
J:
Orange 605 nm
H: Reddish Orange 615 nm
G: Red 626 nm
F: Red 635 nm
Package Options
Q: Dome
P: Flat Top
Dice Options
A: AS AlInGaP
T: TS AlInGaP


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn