Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PF00 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PF00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PF00 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Subminiature High Performance
AlInGaP LED Lamps
Technical Data
Features
• Subminiature Flat Top
Package
Ideal for Backlighting and Light
Piping Applications
• Subminiature Dome Package
Nondiffused Dome for High
Brightness
• Wide Range of Drive
Currents
• Colors: 590 nm Amber,
605 nm Orange, 615 nm
Reddish-Orange, 626 nm
Red, and 635 nm Red
• Ideal for Space Limited
Applications
• Axial Leads
• Available with Lead
Configurations for Surface
Mount and Through Hole PC
Board Mounting
Description
Flat Top Package
The HLMX-PXXX flat top lamps
use an untinted, nondiffused,
truncated lens to provide a wide
radiation pattern that is neces-
sary for use in backlighting
applications. The flat top lamps
are also ideal for use as emitters
in light pipe applications.
Dome Packages
The HLMX-QXXX dome lamps
use an untinted, nondiffused lens
to provide a high luminous
intensity within a narrow
radiation pattern.
Lead Configurations
All of these devices are made by
encapsulating LED chips on axial
lead frames to form molded
epoxy subminiature lamp
packages. A variety of package
configuration options is available.
These include special surface
mount lead configurations, gull
wing, yoke lead, or Z-bend. Right
angle lead bends at 2.54 mm
(0.100 inch) and 5.08 mm (0.200
inch) center spacing are available
for through hole mounting. For
more information refer to
Standard SMT and Through Hole
Lead Bend Options for
Subminiature LED Lamps data
sheet.
Technology
These subminiature solid state
lamps utilize one of the two newly
developed aluminum indium
gallium phosphide (AlInGaP)
LED technologies, either the
absorbing substrate carrier
technology (AS = HLMA-
Devices) or the transparent
substrate carrier technology
(TS = HLMT-Devices). The TS
HLMT-Devices are especially
effective in very bright ambient
lighting conditions. The colors
590 nm amber, 605 nm orange,
615 nm reddish-orange, 626 nm
red, and 635 nm red are available
with viewing angles of 15
° for the
domed devices and 125
° for the
flat top devices.
SunPower Series
HLMA-PF00
HLMT-PG00
HLMA-PG00
HLMT-PH00
HLMA-PH00
HLMT-PL00
HLMA-PL00
HLMT-QG00
HLMA-QF00
HLMT-QH00
HLMA-QG00 HLMT-QL00
HLMA-QH00
HLMA-QL00


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn