Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PF00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PF00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PF00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Luminous
Intensity
Total Flux
Peak
Dominant
Angle
Efficacy
IV (mcd)
φ
V (mlm)
Wavelength Wavelength
2
θ
1/2
η
v
[5]
@ 20 mA[1]
@ 20 mA[2]
λ
peak (nm)
λ
d
[3] (nm)
Degrees[4]
(lm/w)
Part Number
Min.
Typ.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
HLMA-QL00-S00xx
160
500
250
592
590
15
480
HLMA-QL00-TU0xx
250
800
250
592
590
15
480
HLMA-QL00-TUKxx
250
800
250
592
590
15
480
HLMA-QL00-TVBxx
250
1250
250
592
590
15
480
HLMA-QL00-TVKxx
250
1250
250
592
590
15
480
HLMA-QL00-UV0xx
400
1250
250
592
590
15
480
HLMA-QL00-UVRxx
400
1250
250
592
590
15
480
HLMA-QL00-UWBxx 400
2000
250
592
590
15
480
HLMT-QL00-T00xx
250
1000
800
592
590
15
480
HLMA-QJ00-S00xx
160
500
250
609
605
15
370
HLMA-QH00-S00xx
160
500
250
621
615
15
263
HLMA-QH00-T00xx
250
500
250
621
615
15
263
HLMA-QH00-UW0xx 400
2000
250
621
615
15
263
HLMT-QH00-T00xx
250
500
800
621
615
15
263
HLMT-QH00-WX0xx 1000
3200
800
621
615
15
263
HLMA-QG00-S00xx
160
500
250
635
626
15
150
HLMA-QG00-TV0xx
125
1250
250
635
626
15
150
HLMT-QG00-T00xx
250
1000
800
635
626
15
150
HLMA-QF00-S00xx
160
500
250
650
635
15
110
HLMA-PL00-N00xx
25
75
250
592
590
125
480
HLMA-PL00-PRRxx
40
200
250
592
590
125
480
HLMA-PL00-PRXxx
40
200
250
592
590
125
480
HLMA-PL00-QRXxx
63
200
250
592
590
125
480
HLMT-PL00-P0Wxx
40
150
800
592
590
125
480
HLMA-PJ00-N00xx
25
75
250
609
605
125
370
HLMA-PH00-N00xx
25
75
250
621
615
125
263
HLMT-PH00-P00xx
40
120
800
621
615
125
263
HLMA-PG00-N00xx
25
75
250
635
626
125
150
HLMT-PG00-P00xx
40
150
800
635
626
125
150
HLMA-PF00-N00xx
25
75
250
640
635
125
110
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may
not be aligned with this axis.
2.
φ
v is the total luminous flux output as measured with an integrating sphere.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
4.
θ
1/2 is the off-axis angle where the liminous intensity is 1/2 the peak intensity.
5. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn