Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-PF00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HLMA-PF00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-PF00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Proper Right Angle Mounting to a PC Board to Prevent Protruding Cathode Tab
from Shorting to Anode Connection.
NO. ANODE DOWN.
YES. CATHODE DOWN.
CATHODE
TAB
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-xxxx
HLMT-xxxx
Unit
Peak Forward Current[2]
100
100
mA
Average Forward Current (IPEAK = 100 mA)[1,2]
30
37
mA
DC Forward Current[3,5,6]
50
50
mA
Power Dissipation
105
120
mW
Reverse Voltage (IR = 100 µA)
5
V
Transient Forward Current (10
µs Pulse)[5]
500
mA
Operating Temperature Range
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
LED Junction Temperature
110
°C
Lead Soldering Temperature
[1.6 mm (0.063 in.) from body]
260
°C for 5 seconds
SMT Reflow Soldering Temperatures
Convective Reflow
235
°C Peak, above 183°C for 90 seconds
Vapor Phase Reflow
215
°C for 3 minutes
Notes:
1. Maximum IAVG at f = 1 kHz.
2. Refer to Figure 5 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 4.
4. The transient peak current is the maximum non-recurring peak current these devices can withstand without damaging the LED die
and wire bonds. Operation at currents above Absolute Maximum Peak Forward Current is not recommended.
5. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
6. Operation at currents below 5 mA is not recommended, please contact your Agilent sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn