Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80204103DB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S80204103DB
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S80204103DB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S80204103DB Datasheet HTML 1Page - List of Unclassifed Manufacturers S80204103DB Datasheet HTML 2Page - List of Unclassifed Manufacturers S80204103DB Datasheet HTML 3Page - List of Unclassifed Manufacturers S80204103DB Datasheet HTML 4Page - List of Unclassifed Manufacturers S80204103DB Datasheet HTML 5Page - List of Unclassifed Manufacturers S80204103DB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Switch Function
S101 (STD.) SPST, 6 AMPS
S202 (STD.) DPDT, 6 AMPS
S802 (STD.) DPDT, 15 AMPS
S102 SPDT, 6 AMPS
S111
SPST, mom., 6 AMPS
S112 SPDT, mom., 6 AMPS
S201 DPST, 6 AMPS
S501 SPST, 12 AMPS
S502 SPDT, 12 AMPS
S511 SPST, mom., 12 AMPS
S512 SPDT, mom., 12 AMPS
S601 DPST, 12 AMPS
S602 DPDT, 12 AMPS
S701 SPST, 15 AMPS
S702 SPDT, 15 AMPS
S711 SPST, mom., 15 AMPS
S712 SPDT, mom., 15 AMPS
S801 DPST, 15 AMPS
Actuator
03 (STD.) .335
 high
04 .500
 high
09 .250
 high
12 Screwdriver slot
(with marking)
13 Screwdriver slot
(without marking)
C1 White snap-on cap
C2 Black cap
C3 Red cap
CT Beige cap
Detent
1 (STD.) With detent
2 (STD.) Without detent
Mounting Style
SS (STD.) Panel with mounting ears
MS PC thru-hole
S1 Snap-in panel
S2 Snap-in panel
S3 Snap-in panel
ST Snap-in panel
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
Switches with standard options are shown on page E-31. Available options are shown and described on pages E-32 thru E-35.
For additional options not shown in catalog, consult Customer Service Center.
Build-A-Switch
Features /Benefits
Typical Applications
S 6 to 15 AMPS
S Enclosed housing
S PC and Snap-in panel mounting
S Reversing option
S Portable tools
S Small appliances
S Floor care products
Typical Example:
S1
0
1
0
3
1
S
S
0
3
Terminations
03 (STD.) Solder lug with hole
01 Solder lug with notch
02 PC Thru-hole
04 PC Thru-hole
07 Quick connect
08 PC Thru-hole
51 Reversing feature
52 Reversing feature
53 Reversing feature
54 Reversing feature
57 Reversing feature
WC Wire lead
WR Reversing feature
Q
Housing Markings
NONE (STD.) No markings
D ON-OFF
L ON
M ON-OFF
N Red rectangle on one end
Contact Material
Q (STD.) Silver
B Gold
G Gold over silver
Seal
NONE (STD.) No seal
E Epoxy seal
Models Available
S Series
Slide Switches
E
E-30
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99


Similar Part No. - S80204103DB

ManufacturerPart #DatasheetDescription
logo
C&K Components
S802031SS03Q CK-COMPONENTS-S802031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
Teccor Electronics
S8020L TECCOR-S8020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8020L LITTELFUSE-S8020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8020L LITTELFUSE-S8020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S8020L NJSEMI-S8020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S80204103DB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com